Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX503 Datasheet (PDF) - Maxim Integrated Products

MAX503 Datasheet PDF - Maxim Integrated Products
Part # MAX503
Download  MAX503 Download
File Size   118.39 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC

MAX503 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX503 Datasheet PDF - Maxim Integrated Products

Part # MAX503
Download  MAX503 Click to download

File Size   118.39 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC

MAX503 Datasheet (HTML) - Maxim Integrated Products


MAX503 Product details

General Description
The MAX503 is a low-power, 10-bit, voltage-output digital-to-analog converter (DAC) that uses single 5V or dual ±5V supplies. This device has an internal voltage reference plus an output buffer amplifier. Operating current is only 250µA from a single 5V supply, making it ideal for portable and battery-powered applications. In addition, the shrink smalloutline package (SSOP) measures only 0.1 square inches, using less board area than an 8-pin DIP. 10-bit resolution is achieved through laser trimming of the DAC, op amp, and reference. No further adjustments are necessary.

Features
♦ Buffered Voltage Output
♦ Internal 2.048V Voltage Reference
♦ Operates from Single 5V or Dual ±5V Supplies
♦ Low Power Consumption: 250µA Operating Current 40µA Shutdown-Mode Current
♦ SSOP Package Saves Space
♦ Relative Accuracy: ±1/2 LSB Max Over Temperature
♦ Guaranteed Monotonic Over Temperature
♦ 4-Quadrant Multiplication with No External Components
♦ Power-On Reset
♦ Double-Buffered Parallel Logic Inputs

Applications
    Battery-Powered Data-Conversion Products
    Minimum Component-Count Analog Systems
    Digital Offset/Gain Adjustment
    Industrial Process Control
    Arbitrary Function Generators
    Automatic Test Equipment
    Microprocessor-Controlled Calibration




Similar Part No. - MAX503

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5033 MAXIM-MAX5033 Datasheet
292Kb / 17P
500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04
MAX5033 MAXIM-MAX5033 Datasheet
1Mb / 17P
500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5033AASA MAXIM-MAX5033AASA Datasheet
292Kb / 17P
500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04
MAX5033AASA MAXIM-MAX5033AASA Datasheet
1Mb / 17P
500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5033AUPA MAXIM-MAX5033AUPA Datasheet
292Kb / 17P
500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04
More results


Similar Description - MAX503

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
12-bit Parallel Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX530 MAXIM-MAX530 Datasheet
140Kb / 16P
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Rev 3; 7/95
MAX5541 MAXIM-MAX5541 Datasheet
221Kb / 8P
Low-Cost, 5V, Serial-Input, Voltage-Output, 16-Bit DAC
Rev 0; 12/99
MAX5544 MAXIM-MAX5544 Datasheet
218Kb / 8P
Low-Cost, 5V, Serial-Input, Voltage-Output, 14-Bit DAC
Rev 0; 12/99
logo
Exar Corporation
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
logo
Analog Devices
AD7841 AD-AD7841 Datasheet
167Kb / 12P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
logo
Exar Corporation
MP5010JT EXAR-MP5010JT Datasheet
930Kb / 16P
5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
logo
Analog Devices
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com