Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRD5408 Datasheet (PDF) - Exar Corporation

XRD5408 Datasheet PDF - Exar Corporation
Part # XRD5408
Download  XRD5408 Download
File Size   984.5 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family

XRD5408 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRD5408 Datasheet PDF - Exar Corporation

Part # XRD5408
Download  XRD5408 Click to download

File Size   984.5 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family

XRD5408 Datasheet (HTML) - Exar Corporation


XRD5408 Product details

GENERAL DESCRIPTION
The XRD5408/10/12 are low power, voltage output digital-to-analog converters (DAC) for +3V power supply operation. The parts draw only 70mA of quiescent current and are available in both an 8-lead PDIP and SOIC package.

FEATURES
● 8/10/12-Bit Resolution
● Operates from a Single 5V Supply
● Buffered Voltage Output: 13ms Typical Settling Time
● 240mW Total Power Consumption (typ)
● Guaranteed Monotonic Over Temperature
● Flexible Output Range: 0V to VDD
● 8 Lead SOIC and PDIP Package
● Power On Reset
● Serial Data Output for Daisy Chaining

APPLICATIONS
● Digital Calibration
● Battery Operated Instruments
● Remote Industrial Devices
● Cellular Telephones
● Motion Control




Similar Part No. - XRD5408

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD5408AID EXAR-XRD5408AID Datasheet
930Kb / 16P
5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AIP EXAR-XRD5408AIP Datasheet
930Kb / 16P
5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
More results


Similar Description - XRD5408

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX503 MAXIM-MAX503 Datasheet
118Kb / 16P
5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
Rev 0; 8/94
MAX504 MAXIM-MAX504 Datasheet
174Kb / 16P
5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
Rev 2; 11/96
MAX530 MAXIM-MAX530 Datasheet
140Kb / 16P
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Rev 3; 7/95
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX5544 MAXIM-MAX5544 Datasheet
218Kb / 8P
Low-Cost, 5V, Serial-Input, Voltage-Output, 14-Bit DAC
Rev 0; 12/99
MAX5812 MAXIM-MAX5812 Datasheet
268Kb / 13P
12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
logo
Exar Corporation
XRD54L08 EXAR-XRD54L08 Datasheet
916Kb / 16P
3V Low Power Voltage Output Serial 8/10/12-Bit DAC Family
logo
IC MICROSYSTEMS
ICM7561 ICMIC-ICM7561 Datasheet
179Kb / 9P
12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
logo
Exar Corporation
MP5010JT EXAR-MP5010JT Datasheet
930Kb / 16P
5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com