Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5812 Datasheet (PDF) - Maxim Integrated Products

MAX5812 Datasheet PDF - Maxim Integrated Products
Part # MAX5812
Download  MAX5812 Download
File Size   268.54 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC

MAX5812 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5812 Datasheet PDF - Maxim Integrated Products

Part # MAX5812
Download  MAX5812 Click to download

File Size   268.54 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC

MAX5812 Datasheet (HTML) - Maxim Integrated Products


MAX5812 Product details

General Description
The MAX5812 is a single, 12-bit voltage-output, digital-to-analog converter (DAC) with an I2C™-compatible 2-wire interface that operates at clock rates up to 400kHz. The device operates from a single 2.7V to 5.5V supply and draws only 100µA at VDD = 3.6V. A low-power power-down mode decreases current consumption to less than 1µA. The MAX5812 features three software-selectable power-down output impedances: 100kΩ, 1kΩ, and high impedance. Other features include an internal precision Rail-to-Rail® output buffer and a power-on reset circuit that powers up the DAC in the 100kΩ power-down mode.

Features
♦ Ultra-Low Supply Current
    100µA at VDD = 3.6V
    130µA at VDD = 5.5V
♦ 300nA Low-Power Power-Down Mode
♦ Single 2.7V to 5.5V Supply Voltage
♦ Fast 400kHz I2C-Compatible 2-Wire Serial Interface
♦ Schmitt-Trigger Inputs for Direct Interfacing to Optocouplers
♦ Rail-to-Rail Output Buffer Amplifier
♦ Three Software-Selectable Power-Down Output Impedances 100kΩ, 1kΩ, and High Impedance
♦ Read-Back Mode for Bus and Data Checking
♦ Power-On Reset to Zero
♦ Miniature 6-Pin SOT23 Package

Applications
    Digital Gain and Offset Adjustments
    Programmable Voltage and Current Sources
    Programmable Attenuation
    VCO/Varactor Diode Control
    Low-Cost Instrumentation
    Battery-Operated Equipment




Similar Part No. - MAX5812

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5811 MAXIM-MAX5811 Datasheet
417Kb / 13P
10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5811LEUT-T MAXIM-MAX5811LEUT-T Datasheet
417Kb / 13P
10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5811MEUT-T MAXIM-MAX5811MEUT-T Datasheet
417Kb / 13P
10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5811NEUT-T MAXIM-MAX5811NEUT-T Datasheet
417Kb / 13P
10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5811PEUT-T MAXIM-MAX5811PEUT-T Datasheet
417Kb / 13P
10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
More results


Similar Description - MAX5812

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
Quad 12-Bit Serial Voltage Output DAC
REV.0
logo
Maxim Integrated Produc...
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5811 MAXIM-MAX5811 Datasheet
417Kb / 13P
10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5821 MAXIM-MAX5821 Datasheet
419Kb / 13P
Dual, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5822 MAXIM-MAX5822 Datasheet
287Kb / 13P
Dual, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5841 MAXIM-MAX5841 Datasheet
408Kb / 15P
Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5842 MAXIM-MAX5842 Datasheet
462Kb / 15P
Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5820 MAXIM-MAX5820 Datasheet
400Kb / 13P
Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
logo
Analog Devices
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com