Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2616 Datasheet (PDF) - Wolfson Microelectronics plc

WM2616 Datasheet PDF - Wolfson Microelectronics plc
Part # WM2616
Download  WM2616 Download
File Size   132.69 Kbytes
Page   9 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 12-bit Serial Input Voltage Output DAC

WM2616 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM2616 Datasheet PDF - Wolfson Microelectronics plc

Part # WM2616
Download  WM2616 Click to download

File Size   132.69 Kbytes
Page   9 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 12-bit Serial Input Voltage Output DAC

WM2616 Datasheet (HTML) - Wolfson Microelectronics plc


WM2616 Product details

DESCRIPTION
The WM2616 is a 12-bit voltage output, resistor string digital-toanalogue converter that can be powered down under software control. Power down reduces current consumption to 10nA.

FEATURES
• 12-bit voltage output DAC
• Single supply from 2.7V to 5.5V
• DNL ±0.5 LSB, INL ±1.9 LSB
• Very low power consumption (3V supply):
    - 900mW, slow mode
    - 2.1mW, fast mode
• TMS320, (Q)SPIä, and Microwireä compatible serial interface
• Programmable settling time of 4ms or 12ms typical
• High impedance reference input buffer

APPLICATIONS
• Battery powered test instruments
• Digital offset and gain adjustment
• Battery operated/remote industrial controls
• Machine and motion control devices
• Wireless telephone and communication systems
• Speech synthesis
• Arbitrary waveform generation




Similar Part No. - WM2616

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2610 WOLFSON-WM2610 Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2610CDT WOLFSON-WM2610CDT Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2610IDT WOLFSON-WM2610IDT Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2613 WOLFSON-WM2613 Datasheet
136Kb / 11P
Byte-wide Parallel Input, 12-bit Voltage Output DAC
WM2613CDT WOLFSON-WM2613CDT Datasheet
136Kb / 11P
Byte-wide Parallel Input, 12-bit Voltage Output DAC
More results


Similar Description - WM2616

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
Dual 12-Bit Serial Input Voltage Output DAC
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
12-bit Serial Input Voltage Output DAC with Internal Reference
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
Quad 12-Bit Serial Voltage Output DAC
REV.0
logo
Maxim Integrated Produc...
MAX5312 MAXIM-MAX5312 Datasheet
1Mb / 19P
-10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
4/07-Revision 0
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
Quad 12-Bit Serial Voltage Output DAC
REV. B
AD7543 AD-AD7543_15 Datasheet
563Kb / 8P
Serial Input 12 Bit DAC
REV. B
AD5512A AD-AD5512A Datasheet
503Kb / 21P
Serial-Input Voltage-Output, 12-/16-Bit DAC
2/2017-Rev. B to Rev. C
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com