Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2610 Datasheet (PDF) - Wolfson Microelectronics plc

WM2610 Datasheet PDF - Wolfson Microelectronics plc
Part # WM2610
Download  WM2610 Download
File Size   159.5 Kbytes
Page   13 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Octal 12-bit, Serial Input, Voltage Output DAC with Power Down

WM2610 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM2610 Datasheet PDF - Wolfson Microelectronics plc

Part # WM2610
Download  WM2610 Click to download

File Size   159.5 Kbytes
Page   13 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Octal 12-bit, Serial Input, Voltage Output DAC with Power Down

WM2610 Datasheet (HTML) - Wolfson Microelectronics plc


WM2610 Product details

DESCRIPTION
The WM2610 is an octal, 12-bit, resistor string digital-toanalogue converter. The eight individual DACs contained in the IC can be switched in pairs between fast and slow (low power) operation modes, or powered down, under software control. Alternatively, the whole device can be powered down, reducing current consumption to less than 0.1µA.

FEATURES
• Eight 12-bit DACs in one package
• Dual supply 2.7V to 5.5V operation
• DNL ±0.5 LSBs, INL ±2.0 LSBs typical
• Programmable settling time / power (1.0µs typ. in fast mode)
• Microcontroller compatible Serial Interface
• Power Down Mode ( < 0.1µA)
• Monotonic over Temperature
• Data Output for Daisy Chaining

APPLICATIONS
• Battery powered test instruments
• Digital offset and gain adjustment
• Battery operated / remote industrial controls
• Programmable Loop Controllers
• CNC Machine Tools
• Machine and motion control devices
• Wireless telephone and communication systems
• Robotics




Similar Part No. - WM2610

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2613 WOLFSON-WM2613 Datasheet
136Kb / 11P
Byte-wide Parallel Input, 12-bit Voltage Output DAC
WM2613CDT WOLFSON-WM2613CDT Datasheet
136Kb / 11P
Byte-wide Parallel Input, 12-bit Voltage Output DAC
WM2613IDT WOLFSON-WM2613IDT Datasheet
136Kb / 11P
Byte-wide Parallel Input, 12-bit Voltage Output DAC
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
WM2614CDT WOLFSON-WM2614CDT Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
More results


Similar Description - WM2610

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2608 WOLFSON-WM2608 Datasheet
128Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Power Down
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
Dual 12-Bit Serial Input Voltage Output DAC
WM2629 WOLFSON-WM2629 Datasheet
119Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Power Down
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2632 WOLFSON-WM2632 Datasheet
122Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
12-bit Serial Input Voltage Output DAC with Internal Reference
logo
Analog Devices
AD5512A AD-AD5512A Datasheet
503Kb / 21P
Serial-Input Voltage-Output, 12-/16-Bit DAC
2/2017-Rev. B to Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com