Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2631 Datasheet (PDF) - Wolfson Microelectronics plc

WM2631 Datasheet PDF - Wolfson Microelectronics plc
Part # WM2631
Download  WM2631 Download
File Size   131.94 Kbytes
Page   13 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference

WM2631 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM2631 Datasheet PDF - Wolfson Microelectronics plc

Part # WM2631
Download  WM2631 Click to download

File Size   131.94 Kbytes
Page   13 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference

WM2631 Datasheet (HTML) - Wolfson Microelectronics plc


WM2631 Product details

DESCRIPTION
The WM2631 is an octal, 10-bit, resistor string digital-toanalogue converter. The eight individual DACs contained in the IC can be switched in pairs between fast and slow (low power) operation modes, or powered down, under software control. Alternatively, the whole device can be powered down, reducing current consumption to less than 0.1µA.

FEATURES
• Eight 10-bit DACs in one package
• Dual supply 2.7V to 5.5V operation
• DNL ±0.1 LSBs, INL ±0.5 LSBs typical
• Programmable settling time / power (1.0µs typical in fast mode)
• Internal programmable voltage reference
• Microcontroller compatible serial interface
• Power down mode ( < 0.1µA)
• Monotonic over temperature
• Data output for daisy chaining

APPLICATIONS
• Battery powered test instruments
• Digital offset and gain adjustment
• Battery operated / remote industrial controls
• Programmable loop controllers
• CNC machine tools
• Machine and motion control devices
• Wireless telephone and communication systems
• Robotics




Similar Part No. - WM2631

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630CDT WOLFSON-WM2630CDT Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630IDT WOLFSON-WM2630IDT Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2632 WOLFSON-WM2632 Datasheet
122Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
WM2632CDT WOLFSON-WM2632CDT Datasheet
122Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
More results


Similar Description - WM2631

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2608 WOLFSON-WM2608 Datasheet
128Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Power Down
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2632 WOLFSON-WM2632 Datasheet
122Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
12-bit Serial Input Voltage Output DAC with Internal Reference
WM2637 WOLFSON-WM2637 Datasheet
262Kb / 11P
Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
12-Bit Parallel Input Voltage Output DAC with Internal Reference
logo
Texas Instruments
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com