Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2631 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM2631
Description  Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2631 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM2631 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 11Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
WM2631
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.1 April 2001
8
DEVICE DESCRIPTION
GENERAL FUNCTION
The WM2631 is an octal 10-bit, voltage output DAC. It contains a serial interface, control logic for
speed and power down, a programmable voltage reference, and eight digital to analogue converters.
Each converter uses a resistor string network buffered with an op amp to convert 10-bit digital data to
analogue voltage levels (see Block Diagram). The output voltage is determined by the reference
input voltage and the input code according to the following relationship:
Output voltage =
()
1024
2
CODE
VREF
INPUT
OUTPUT
11 1111 1111
()
1024
1023
2
REF
V
::
10 0000 0001
()
1024
511
2
REF
V
10 0000 0000
()
REF
REF
V
V
=
1024
512
2
01 1111 1111
()
1024
511
2
REF
V
::
00 0000 0001
()
1024
1
2
REF
V
00 0000 0000
0V
Table 1 Binary Code Table (0V to 2VREF Output), Gain = 2
POWER ON RESET
An internal power-on-reset circuit resets the DAC register to all 0s on power-up.
BUFFER AMPLIFIER
The output buffer has a near rail-to-rail output with short circuit protection and can reliably drive a
2k
Ω load with a 100pF load capacitance.
PROGRAMMABLE REFERENCE
The DAC reference can be sourced internally or externally under software control. If an external
reference voltage is applied to the REF pin, the device must be configured to accept this. If an
internal reference is selected, a voltage of 1.024V or 2.048 is available. The internal reference can
source up to 1mA and can therefore be used as an external system reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com