Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2631 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM2631
Description  Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2631 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM2631 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 11Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 12Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 13Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Production Data
WM2631
WOLFSON MICROELECTRONICS LTD
PD Rev 1.1 April 2001
13
PACKAGE DIMENSIONS
θ
c
L
GAUGE
PLANE
0.25
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS.
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM.
D. MEETS JEDEC.95 MO-153, VARIATION = AC. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
DM008.D
DT: 20 PIN TSSOP (6.5 x 4.4 x 1.0 mm)
Symbols
Dimensions
(mm)
MIN
NOM
MAX
A
-----
-----
1.20
A1
0.05
-----
0.15
A2
0.80
1.00
1.05
b
0.19
-----
0.30
c
0.09
-----
0.20
D
6.40
6.50
6.60
e
0.65 BSC
E
6.4 BSC
E1
4.30
4.40
4.50
L
0.45
0.60
0.75
θ
0
o
-----
8
o
REF:
JEDEC.95, MO-153
A
A2
A1
SEATING PLANE
11
20
E1
E
e
b
10
1
D
-C-
0.1 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com