Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2632 Datasheet (PDF) - Wolfson Microelectronics plc

WM2632 Datasheet PDF - Wolfson Microelectronics plc
Part # WM2632
Download  WM2632 Download
File Size   122.21 Kbytes
Page   13 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence

WM2632 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM2632 Datasheet PDF - Wolfson Microelectronics plc

Part # WM2632
Download  WM2632 Click to download

File Size   122.21 Kbytes
Page   13 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence

WM2632 Datasheet (HTML) - Wolfson Microelectronics plc


WM2632 Product details

DESCRIPTION
The WM2632 is an octal, 8-bit, resistor string digital-toanalogue converter. The eight individual DACs contained in the IC can be switched in pairs between fast and slow (low power) operation modes, or powered down, under software control. Alternatively, the whole device can be powered down, reducing current consumption to less than 0.1µA.

FEATURES
• Eight 8-bit DACs in one package
• Dual supply 2.7V to 5.5V operation
• DNL ±0.1 LSBs, INL ±0.3 LSBs typical
• Programmable settling time / power (1.0µs typical in fast mode)
• Internal programmable voltage reference
• Microcontroller compatible serial interface
• Power down mode ( < 0.1µA)
• Monotonic over temperature
• Data output for daisy chaining

APPLICATIONS
• Battery powered test instruments
• Digital offset and gain adjustment
• Battery operated / remote industrial controls
• Programmable loop controllers
• CNC machine tools
• Machine and motion control devices
• Wireless telephone and communication systems
• Robotics




Similar Part No. - WM2632

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630CDT WOLFSON-WM2630CDT Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630IDT WOLFSON-WM2630IDT Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631CDT WOLFSON-WM2631CDT Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
More results


Similar Description - WM2632

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2608 WOLFSON-WM2608 Datasheet
128Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Power Down
WM2610 WOLFSON-WM2610 Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
Quad 8-Bit Serial Input Voltage Output DAC
WM2629 WOLFSON-WM2629 Datasheet
119Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Power Down
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
12-bit Serial Input Voltage Output DAC with Internal Reference
WM2637 WOLFSON-WM2637 Datasheet
262Kb / 11P
Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
WM5628L WOLFSON-WM5628L Datasheet
370Kb / 15P
3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com