Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2637 Datasheet (PDF) - Wolfson Microelectronics plc

WM2637 Datasheet PDF - Wolfson Microelectronics plc
Part # WM2637
Download  WM2637 Download
File Size   262.53 Kbytes
Page   11 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference

WM2637 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM2637 Datasheet PDF - Wolfson Microelectronics plc

Part # WM2637
Download  WM2637 Click to download

File Size   262.53 Kbytes
Page   11 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference

WM2637 Datasheet (HTML) - Wolfson Microelectronics plc


WM2637 Product details

DESCRIPTION
The WM2637 is a dual 10-bit voltage output, resistor string, digitalto-analogue converter. A software controlled power down mode is provided that reduces current consumption to 10nA.

FEATURES
• Dual 10-bit voltage output DAC
• Single 2.7V to 5.5V supply
• DNL ±0.1 LSBs, INL ±0.4 LSBs
• Internal programmable voltage reference
• Low power consumption:
    • 5.5 mW, slow mode - 5V supply
    • 3.3 mW, slow mode - 3V supply
• TMS320, (Q) SPITM, and MicrowireTM compatible serial interface
• Programmable settling time of 1ms or 3.5ms typical
• Power down mode 10nA

APPLICATIONS
• Battery powered test instruments
• Digital offset and gain adjustment
• Battery operated/remote industrial controls
• Machine and motion control devices
• Wireless telephone and communication systems
• Speech synthesis
• Arbitrary waveform generation




Similar Part No. - WM2637

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630CDT WOLFSON-WM2630CDT Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630IDT WOLFSON-WM2630IDT Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631CDT WOLFSON-WM2631CDT Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
More results


Similar Description - WM2637

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2626 WOLFSON-WM2626 Datasheet
109Kb / 11P
Low Power Dual 8-bit Serial Input DAC with Internal Reference
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2632 WOLFSON-WM2632 Datasheet
122Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
12-bit Serial Input Voltage Output DAC with Internal Reference
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
12-Bit Parallel Input Voltage Output DAC with Internal Reference
logo
Maxim Integrated Produc...
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5232 MAXIM-MAX5232_09 Datasheet
656Kb / 18P
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
logo
Texas Instruments
DAC61402 TI-DAC61402 Datasheet
4Mb / 52P
DAC61402 Dual, 12-Bit, High-Voltage-Output DAC With Internal Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com