Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2637 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM2637
Description  Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2637 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM2637 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 11Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
WM2637
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 July 99
8
PROGRAMMABLE SETTLING TIME
Settling time is a software selectable 1
µs or 3.5µs typical, to within ±0.5LSB of final value. This is
controlled by the value of D14. A ONE defines a settling time of 1
µs, a ZERO defines a settling time
of 3.5
µs.
PROGRAMMABLE POWER DOWN
The power down function is controlled by D13. A ZERO configures the device as active, or fully
powered up, a ONE configures the device into power down mode. When the power down function is
released the device reverts back to the DAC code set prior to power down.
REGISTER ADDRESSING
A separate internal control register is available. This is accessed from the register access bits R1
(Bit D15) and R0 (Bit D12).
R1
(BIT D15)
R0
(BIT D12)
REGISTER
0
0
Write data to DAC B and BUFFER
0
1
Write data to BUFFER
1
0
Write data to DAC A and update DAC B with BUFFER content
1
1
Write data to control register
Table 3 Programmable Options
The contents of the control register, shown below in Table 4, are used to program the internal
reference function
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
x
x
x
x
x
x
x
x
x
X
REF1 REF0
Table 4 Control Register Contents
PROGRAMMABLE INTERNAL REFERENCE
The reference can be sourced internally or externally under software control. If an external reference
voltage is applied to the REF pin, the device must be configured to accept this.
If an external reference is selected, the reference voltage input is buffered which makes the DAC
input resistance independent of code. The REF pin has an input resistance of 10M
Ω and an input
capacitance of typically 55pF. The reference voltage determines the DAC full-scale output.
If an internal reference is selected, a voltage of 1.024V or 2.048V is available. The internal
reference can source up to 1mA and can therefore be used as an external system reference.
REF1
(BIT D1)
REF0
(BIT D0)
REGISTER
0
0
External
0
1
1.024V
1
0
2.048V
1
1
External
Table 5 Internal Reference Options
Examples:
1.
Set internal reference voltage to 2.048V
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
x
0
1
x
x
x
x
x
x
x
x
x
x
1
0
2.
Write new DAC A value and update DAC A output
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
x
0
0
New DAC A output value
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com