Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2626 Datasheet (PDF) - Wolfson Microelectronics plc

WM2626 Datasheet PDF - Wolfson Microelectronics plc
Part # WM2626
Download  WM2626 Download
File Size   109.5 Kbytes
Page   11 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Low Power Dual 8-bit Serial Input DAC with Internal Reference

WM2626 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM2626 Datasheet PDF - Wolfson Microelectronics plc

Part # WM2626
Download  WM2626 Click to download

File Size   109.5 Kbytes
Page   11 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Low Power Dual 8-bit Serial Input DAC with Internal Reference

WM2626 Datasheet (HTML) - Wolfson Microelectronics plc


WM2626 Product details

DESCRIPTION
The WM2626 is a dual 8-bit voltage output, resistor string digital-to-analogue converter. It can operate with supply voltages between 2.7V and 5.5V and can be powered down under software control. Power down reduces current consumption to 1µA.

FEATURES
• Dual 8-bit voltage output DAC
• Single supply from 2.7V to 5.5V
• Low power consumption:
    - 1.7mW typical (3V supply, slow mode)
    - 3.7mW typical (3V supply, fast mode)
• DNL ±0.1 LSB, INL ±0.4 LSB (typical)
• Monotonic over temperature
• Microprocessor and DSP compatible serial interface
• Programmable settling time of 0.8µs or 2.8µs typical
• High impedance reference input buffer

APPLICATIONS
• Digital servo control loops
• Industrial process control
• Battery powered instruments and controls
• Machine and motion control devices
• Digital offset and gain adjustment




Similar Part No. - WM2626

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2623 WOLFSON-WM2623 Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2623CD WOLFSON-WM2623CD Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2623ID WOLFSON-WM2623ID Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2625 WOLFSON-WM2625 Datasheet
101Kb / 9P
Low Power Dual 8-bit Serial Input DAC
WM2625CD WOLFSON-WM2625CD Datasheet
101Kb / 9P
Low Power Dual 8-bit Serial Input DAC
More results


Similar Description - WM2626

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2623 WOLFSON-WM2623 Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2625 WOLFSON-WM2625 Datasheet
101Kb / 9P
Low Power Dual 8-bit Serial Input DAC
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2632 WOLFSON-WM2632 Datasheet
122Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
12-bit Serial Input Voltage Output DAC with Internal Reference
WM2637 WOLFSON-WM2637 Datasheet
262Kb / 11P
Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
12-Bit Parallel Input Voltage Output DAC with Internal Reference
logo
Maxim Integrated Produc...
MAX1112 MAXIM-MAX1112 Datasheet
381Kb / 20P
5V, Low-Power, Multi-Channel, Serial 8-Bit ADCs Internal 4.096V Reference
Rev 2; 4/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com