Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2625 Datasheet (PDF) - Wolfson Microelectronics plc

WM2625 Datasheet PDF - Wolfson Microelectronics plc
Part # WM2625
Download  WM2625 Download
File Size   101.24 Kbytes
Page   9 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Low Power Dual 8-bit Serial Input DAC

WM2625 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM2625 Datasheet PDF - Wolfson Microelectronics plc

Part # WM2625
Download  WM2625 Click to download

File Size   101.24 Kbytes
Page   9 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Low Power Dual 8-bit Serial Input DAC

WM2625 Datasheet (HTML) - Wolfson Microelectronics plc


WM2625 Product details

DESCRIPTION
The WM2625 is a dual 8-bit voltage output, resistor string digital-to-analogue converter. It can operate with supply voltages between 2.7V and 5.5V and can be powered down under software control. Power down reduces current consumption to 1µA.

FEATURES
• Dual 8-bit voltage output DAC
• Single supply from 2.7V to 5.5V
• Low supply current
    - 0.8mA typical in slow mode
    - 1.8mA typical in fast mode
• DNL ±0.2 LSB, INL ±0.5 LSB (max)
• Monotonic over temperature
• DSP compatible serial interface
• Programmable settling time of 1µs or 3µs typical
• High impedance reference input buffer

APPLICATIONS
• Digital servo control loops
• Industrial process control
• Battery powered instruments and controls
• Machine and motion control devices
• Digital offset and gain adjustment




Similar Part No. - WM2625

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2623 WOLFSON-WM2623 Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2623CD WOLFSON-WM2623CD Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2623ID WOLFSON-WM2623ID Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2626 WOLFSON-WM2626 Datasheet
109Kb / 11P
Low Power Dual 8-bit Serial Input DAC with Internal Reference
WM2626CD WOLFSON-WM2626CD Datasheet
109Kb / 11P
Low Power Dual 8-bit Serial Input DAC with Internal Reference
More results


Similar Description - WM2625

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
Dual 12-Bit Serial Input Voltage Output DAC
WM2623 WOLFSON-WM2623 Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2626 WOLFSON-WM2626 Datasheet
109Kb / 11P
Low Power Dual 8-bit Serial Input DAC with Internal Reference
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
Quad 8-Bit Serial Input Voltage Output DAC
WM2629 WOLFSON-WM2629 Datasheet
119Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Power Down
logo
Analog Devices
AD8522 AD-AD8522 Datasheet
240Kb / 8P
5 Volt, Serial Input, Dual 12-Bit DAC
REV.A
logo
Maxim Integrated Produc...
MAX5820 MAXIM-MAX5820 Datasheet
400Kb / 13P
Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
MAX5223 MAXIM-MAX5223 Datasheet
222Kb / 11P
Low - Power, Dual, 8 - Bit, Voltage Output Serial DAC in 8 - Pin SOT23
Rev 0; 1/01
logo
Analog Devices
AD8522ARZ AD-AD8522ARZ Datasheet
244Kb / 8P
5 Volt, Serial Input, Dual 12-Bit DAC
REV. A
AD7543 AD-AD7543_15 Datasheet
563Kb / 8P
Serial Input 12 Bit DAC
REV. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com