Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2629 Datasheet (PDF) - Wolfson Microelectronics plc

WM2629 Datasheet PDF - Wolfson Microelectronics plc
Part # WM2629
Download  WM2629 Download
File Size   119.27 Kbytes
Page   13 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Octal 8-bit, Serial Input, Voltage Output DAC with Power Down

WM2629 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM2629 Datasheet PDF - Wolfson Microelectronics plc

Part # WM2629
Download  WM2629 Click to download

File Size   119.27 Kbytes
Page   13 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Octal 8-bit, Serial Input, Voltage Output DAC with Power Down

WM2629 Datasheet (HTML) - Wolfson Microelectronics plc


WM2629 Product details

DESCRIPTION
The WM2629 is an octal, 8-bit, resistor string digital-to-analogue converter. The eight individual DACs contained in the IC can be switched in pairs between fast and slow (low power) operation modes, or powered down, under software control. Alternatively, the whole device can be powered down, reducing current consumption to less than 0.1µA.

FEATURES
• Eight 8-bit DACs in one package
• Dual supply 2.7V to 5.5V operation
• DNL ±0.1 LSBs, INL ±0.3 LSBs typical
• Programmable settling time / power (1.0µs typical in fast mode)
• Microcontroller compatible serial interface
• Power down mode ( < 0.1µA)
• Monotonic over temperature
• Data output for daisy chaining

APPLICATIONS
• Battery powered test instruments
• Digital offset and gain adjustment
• Battery operated / remote industrial controls
• Programmable loop controllers
• CNC machine tools
• Machine and motion control devices
• Wireless telephone and communication systems
• Robotics




Similar Part No. - WM2629

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2623 WOLFSON-WM2623 Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2623CD WOLFSON-WM2623CD Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2623ID WOLFSON-WM2623ID Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2625 WOLFSON-WM2625 Datasheet
101Kb / 9P
Low Power Dual 8-bit Serial Input DAC
WM2625CD WOLFSON-WM2625CD Datasheet
101Kb / 9P
Low Power Dual 8-bit Serial Input DAC
More results


Similar Description - WM2629

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2608 WOLFSON-WM2608 Datasheet
128Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Power Down
WM2610 WOLFSON-WM2610 Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
Quad 8-Bit Serial Input Voltage Output DAC
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2632 WOLFSON-WM2632 Datasheet
122Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
WM5628L WOLFSON-WM5628L Datasheet
370Kb / 15P
3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface
logo
Analog Devices
AD5362 AD-AD5362 Datasheet
295Kb / 25P
8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com