Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2629 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM2629
Description  Octal 8-bit, Serial Input, Voltage Output DAC with Power Down
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2629 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM2629 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2629 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2629 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2629 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2629 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2629 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2629 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2629 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2629 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
WM2629
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 April 2001
4
ELECTRICAL CHARACTERISTICS
Test Characteristics:
Over recommended operating conditions (unless noted otherwise).
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Static DAC Specifications
Resolution
8bits
Integral non-linearity
INL
Code 6 to 255 (see Note 1)
±0.3
±1
LSB
Differential non-linearity
DNL
Code 6 to 255 (see Note 2)
±0.1
±1
LSB
Zero code error
ZCE
See Note 3
±30
mV
Gain error
GE
See Note 4
±0.6
% FSR
DC power supply rejection ratio
PSRR
See Note 5
-60
dB
Zero code error temperature
coefficient
See Note 6
30
µV/°C
Gain error temperature coefficient
See Note 6
10
ppm/
°C
DAC Output Specifications
Output voltage range
10k
Ω Load
0
AVDD-0.4
V
Output load regulation
2k
Ω to 10kΩ load
See Note 7
±0.3
% Full
Scale
Power Supplies
Active supply current
IDD
No load, VIH=DVDD, VIL=0V
AVDD = DVDD = 5V,
VREF = 2.048V
Slow
Fast
See Note 8
6
16
8
21
mA
mA
Power down supply current
No load, all inputs 0V
or DVDD
0.1
µA
Dynamic DAC Specifications
Slew rate
DAC code 10%-90%
Load = 10k
Ω, 100pF
Fast
Slow
See Note 9
4
1
10
3
V/
µs
V/
µs
Settling time
DAC code 10%-90%
Load = 10k
Ω, 100pF
Fast
Slow
See Note 10
1
3
3
7
µs
µs
Glitch energy
Code 127 to code 128
4
nV-s
Channel Crosstalk
10kHz sine wave, 4V pk-pk
-90
dB
Reference Input
Reference input resistance
RREF
100
k
Ω
Reference input capacitance
CREF
5pF
Reference feedthrough
VREF=2VPP at 1kHz
+ 2.048V DC, DAC code 0
-84
dB
Reference input bandwidth
VREF= 0.4VPP + 2.048V DC,
DAC code 128
Slow
Fast
1.9
2.2
MHz
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com