Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2629 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM2629
Description  Octal 8-bit, Serial Input, Voltage Output DAC with Power Down
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2629 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM2629 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2629 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2629 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2629 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2629 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2629 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2629 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2629 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2629 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Production Data
WM2629
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 April 2001
3
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
CONDITION
MIN
MAX
Digital supply voltages, AVDD or DVDD to GND
7V
Reference voltage
-0.3V
AVDD + 0.3V
Digital input voltage range to GND
-0.3V
DVDD + 0.3V
Operating temperature range, TA
WM2629CDT
WM2629IDT
0
°C
-40
°C
70
°C
85
°C
Storage temperature
-65
°C
150
°C
Soldering temperature, 1.6mm (1/16 inch) from package body for 10
seconds
260
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
AVDD,
DVDD
2.7
5.5
V
High-level digital input voltage
VIH
2V
Low-level digital input voltage
VIL
0.8
V
AVDD = 5V
GND
4.096
AVDD
Reference voltage to REF
VREF
AVDD = 3V
GND
2.048
AVDD
V
Output Load Resistance
RL
2k
Ω
Load capacitance
CL
100
pF
WM2629CDT
0
70
°C
Operating free-air temperature
TA
WM2629IDT
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com