Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2608 Datasheet (PDF) - Wolfson Microelectronics plc

WM2608 Datasheet PDF - Wolfson Microelectronics plc
Part # WM2608
Download  WM2608 Download
File Size   128.92 Kbytes
Page   13 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Octal 10-bit, Serial Input, Voltage Output DAC with Power Down

WM2608 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM2608 Datasheet PDF - Wolfson Microelectronics plc

Part # WM2608
Download  WM2608 Click to download

File Size   128.92 Kbytes
Page   13 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Octal 10-bit, Serial Input, Voltage Output DAC with Power Down

WM2608 Datasheet (HTML) - Wolfson Microelectronics plc


WM2608 Product details

DESCRIPTION
The WM2608 is an octal, 10-bit, resistor string digital-to-analogue converter. The eight individual DACs contained in the IC can be switched in pairs between fast and slow (low power) operation modes, or powered down, under software control. Alternatively, the whole device can be powered down, reducing current consumption to less than 0.1µA.

FEATURES
• Eight 10-bit DACs in one package
• Dual supply 2.7V to 5.5V operation
• DNL ±0.1 LSBs, INL ±0.5 LSBs typical
• Programmable settling time / power (1.0µs typical in fast mode)
• Microcontroller compatible serial interface
• Power down mode ( < 0.1µA)
• Monotonic over temperature
• Data output for daisy chaining

APPLICATIONS
• Battery powered test instruments
• Digital offset and gain adjustment
• Battery operated / remote industrial controls
• Programmable loop controllers
• CNC machine tools
• Machine and motion control devices
• Wireless telephone and communication systems
• Robotics




Similar Part No. - WM2608

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2604 WOLFSON-WM2604 Datasheet
103Kb / 10P
Quad 10-Bit Serial Input Voltage Output DAC
WM2604CDT WOLFSON-WM2604CDT Datasheet
103Kb / 10P
Quad 10-Bit Serial Input Voltage Output DAC
WM2604IDT WOLFSON-WM2604IDT Datasheet
103Kb / 10P
Quad 10-Bit Serial Input Voltage Output DAC
More results


Similar Description - WM2608

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2604 WOLFSON-WM2604 Datasheet
103Kb / 10P
Quad 10-Bit Serial Input Voltage Output DAC
WM2610 WOLFSON-WM2610 Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
WM2617 WOLFSON-WM2617 Datasheet
91Kb / 10P
Dual 10-Bit Serial DAC with Power Down
WM2629 WOLFSON-WM2629 Datasheet
119Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Power Down
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2632 WOLFSON-WM2632 Datasheet
122Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
WM2637 WOLFSON-WM2637 Datasheet
262Kb / 11P
Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
logo
Analog Devices
AD7841 AD-AD7841 Datasheet
167Kb / 12P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com