Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2604 Datasheet (PDF) - Wolfson Microelectronics plc

WM2604 Datasheet PDF - Wolfson Microelectronics plc
Part # WM2604
Download  WM2604 Download
File Size   103.93 Kbytes
Page   10 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Quad 10-Bit Serial Input Voltage Output DAC

WM2604 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM2604 Datasheet PDF - Wolfson Microelectronics plc

Part # WM2604
Download  WM2604 Click to download

File Size   103.93 Kbytes
Page   10 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Quad 10-Bit Serial Input Voltage Output DAC

WM2604 Datasheet (HTML) - Wolfson Microelectronics plc


WM2604 Product details

DESCRIPTION
The WM2604 is a quadruple 10-bit voltage output, resistor string, digital-to-analogue converter. Each DAC can be individually powered down under software control. A hardware controlled mode is provided that powers down all DACs. Power down reduces current consumption to 10nA.
The device has been designed to interface efficiently to industry standard microprocessors and DSPs, including the TMS320 family. The WM2604 is programmed with a 16-bit serial word comprising of a DAC address, individual DAC control bits and a 10-bit value.

FEATURES
• Four 10-bit voltage output DACs
• Dual 2.7V to 5.5V supply (separate digital and analogue supplies)
• DNL ±0.1 LSB, INL ±0.4 LSB
• Low power consumption:
   - 5.5mW, slow mode - 5V supply
   - 3.3mW, slow mode - 3V supply
• TMS320, (Q)SPIä, and Microwireä compatible serial interface
• Programmable settling time of 4ms or 12ms typical

APPLICATIONS
• Battery powered test instruments
• Digital offset and gain adjustment
• Battery operated/remote industrial controls
• Machine and motion control devices
• Wireless telephone and communication systems
• Speech synthesis
• Arbitrary waveform generation




Similar Part No. - WM2604

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2608 WOLFSON-WM2608 Datasheet
128Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Power Down
WM2608CDT WOLFSON-WM2608CDT Datasheet
128Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Power Down
WM2608IDT WOLFSON-WM2608IDT Datasheet
128Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Power Down
More results


Similar Description - WM2604

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
Quad 8-Bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
Quad 12-Bit Serial Voltage Output DAC
REV.0
logo
Maxim Integrated Produc...
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5841 MAXIM-MAX5841 Datasheet
408Kb / 15P
Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
4/07-Revision 0
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
Quad 12-Bit Serial Voltage Output DAC
REV. B
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com