Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5726 Datasheet (PDF) - Analog Devices

AD5726 Datasheet PDF - Analog Devices
Part # AD5726
Download  AD5726 Download
File Size   523.26 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC

AD5726 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5726 Datasheet PDF - Analog Devices

Part # AD5726
Download  AD5726 Click to download

File Size   523.26 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC

AD5726 Datasheet (HTML) - Analog Devices


AD5726 Product details

GENERAL DESCRIPTION
The AD5726 is a quad, 12-bit, serial input, voltage output digital-to-analog converter (DAC) fabricated on Analog Devices, Inc., iCMOS® process technology1 that offers guaranteed monotonicity and integral nonlinearity (INL) of ±1 LSB maximum.
Output voltage swing is set by two reference inputs, VREFP and VREFN. The DAC offers a unipolar positive output range when the VREFN input is set to 0 V and the VREFP input is set to a positive voltage. A similar configuration with VREFP at 0 V and VREFN at a negative voltage provides a unipolar negative output range.
Bipolar outputs are configured by connecting both VREFP and VREFN to nonzero voltages. This method of setting output voltage ranges has advantages over the bipolar offsetting methods because it is not dependent on internal and external resistors with different temperature coefficients.

FEATURES
   +5 V to ±15 V operation
   Unipolar or bipolar operation
   ±1 LSB maximum INL error, ±1 LSB maximum DNL error
   Guaranteed monotonic over temperature
   Double-buffered inputs
   Asynchronous CLR to zero scale/midscale
   Operating temperature range: −40°C to +125°C
   iCMOS process technology

APPLICATIONS
   Industrial automation
   Closed-loop servo control, process control
   Automotive test and measurement
   Programmable logic controllers




Similar Part No. - AD5726

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD572 AD-AD572 Datasheet
429Kb / 7P
12-BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
AD572 AD-AD572 Datasheet
1Mb / 8P
12-Bit Successive Approximation Integrated Circuit A/D Converter
Rev. B
AD5721 AD-AD5721 Datasheet
1Mb / 31P
Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
1/2018-Rev. B to Rev. C
AD5721BCPZ-RL7 AD-AD5721BCPZ-RL7 Datasheet
1Mb / 31P
Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
1/2018-Rev. B to Rev. C
AD5721BRUZ AD-AD5721BRUZ Datasheet
1Mb / 31P
Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
1/2018-Rev. B to Rev. C
More results


Similar Description - AD5726

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
Quad 12-Bit Serial Voltage Output DAC
REV.0
AD5724 AD-AD5724 Datasheet
1Mb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5724R AD-AD5724R Datasheet
301Kb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Rev. PrC
AD5724 AD-AD5724_15 Datasheet
1Mb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5725 AD-AD5725_15 Datasheet
493Kb / 20P
Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
REV. C
AD5734 AD-AD5734_15 Datasheet
1Mb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724R AD-AD5724R_17 Datasheet
1Mb / 33P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
2/2017-Rev. F to Rev. G
AD5724 AD-AD5724_17 Datasheet
1Mb / 31P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
2/2017-Rev. E to Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com