Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5721 Datasheet (PDF) - Analog Devices

AD5721 Datasheet PDF - Analog Devices
Part # AD5721
Download  AD5721 Download
File Size   1447.27 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs

AD5721 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5721 Datasheet PDF - Analog Devices

Part # AD5721
Download  AD5721 Click to download

File Size   1447.27 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs

AD5721 Datasheet (HTML) - Analog Devices


AD5721 Product details

GENERAL DESCRIPTION
The AD5761/AD5721 are single channel, 16-/12-bit serial input, voltage output, digital-to-analog converters (DACs). They operate from single supply voltages from +4.75 V to +30 V or dual supply voltages from −16.5 V to 0 V VSS and +4.75 V to +16.5 V VDD. The integrated output amplifier and reference buffer provide a very easy to use, universal solution.

FEATURES
    8 software-programmable output ranges: 0 V to +5 V, 0 V to
        +10 V, 0 V to +16 V, 0 V to +20 V, ±3 V, ±5 V, ±10 V, −2.5 V to
        +7.5 V; 5% overrange
    Total unadjusted error (TUE): 0.1% FSR maximum
    16-bit resolution: ±2 LSB maximum INL
    Guaranteed monotonicity: ±1 LSB maximum
    Single channel, 16-/12-bit DACs
    Settling time: 7.5 μs typical
    Integrated reference buffers
    Low noise: 35 nV/√Hz
    Low glitch: 1 nV-sec
    1.8 V logic compatibility
    Asynchronous updating via LDAC
    Asynchronous RESET to zero scale/midscale
    DSP/microcontroller-compatible serial interface
    Robust 4 kV HBM ESD rating
    Available in 16-lead TSSOP and 16-lead LFCSP
    Operating temperature range: −40°C to +125°C

APPLICATIONS
    Industrial automation
    Instrumentation, data acquisition
    Open-/closed-loop servo control, process control
    Programmable logic controllers




Similar Part No. - AD5721

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5721R AD-AD5721R Datasheet
1Mb / 36P
Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
1/2018-Rev. B to Rev. C
AD5721RBCPZ-RL7 AD-AD5721RBCPZ-RL7 Datasheet
1Mb / 35P
Multiple Range, 16-/12-Bit, Bipolar/Unipolar Voltage Output DACs with 2 ppm/째C Reference
Rev. A
AD5721RBCPZ-RL7 AD-AD5721RBCPZ-RL7 Datasheet
1Mb / 36P
Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
1/2018-Rev. B to Rev. C
AD5721RBRUZ AD-AD5721RBRUZ Datasheet
1Mb / 35P
Multiple Range, 16-/12-Bit, Bipolar/Unipolar Voltage Output DACs with 2 ppm/째C Reference
Rev. A
AD5721RBRUZ AD-AD5721RBRUZ Datasheet
1Mb / 36P
Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
1/2018-Rev. B to Rev. C
More results


Similar Description - AD5721

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5722 AD-AD5722 Datasheet
1,010Kb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
AD5722R AD-AD5722R Datasheet
295Kb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Rev. PrC
AD5724 AD-AD5724 Datasheet
1Mb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5752 AD-AD5752_15 Datasheet
1Mb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5761R AD-AD5761R Datasheet
1Mb / 35P
Multiple Range, 16-/12-Bit, Bipolar/Unipolar Voltage Output DACs with 2 ppm/째C Reference
Rev. A
AD5761R AD-AD5761R_18 Datasheet
1Mb / 36P
Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
1/2018-Rev. B to Rev. C
AD5722 AD-AD5722_17 Datasheet
1Mb / 31P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
2/2017-Rev. E to Rev. F
AD5722R AD-AD5722R_17 Datasheet
1Mb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
2/2017-Rev. E to Rev. F
AD5724 AD-AD5724_17 Datasheet
1Mb / 31P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
2/2017-Rev. E to Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com