Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5721 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5721
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5721 Datasheet(HTML) 4 Page - Analog Devices

  AD5721 Datasheet HTML 1Page - Analog Devices AD5721 Datasheet HTML 2Page - Analog Devices AD5721 Datasheet HTML 3Page - Analog Devices AD5721 Datasheet HTML 4Page - Analog Devices AD5721 Datasheet HTML 5Page - Analog Devices AD5721 Datasheet HTML 6Page - Analog Devices AD5721 Datasheet HTML 7Page - Analog Devices AD5721 Datasheet HTML 8Page - Analog Devices AD5721 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
AD5761/AD5721
Data Sheet
Rev. C | Page 4 of 31
Parameter2
Min
Typ
Max
Unit
Test Conditions/Comments
Capacitive Load Stability
1
nF
Headroom
0.5
1
V
RLOAD = 1 kΩ for all ranges except 0 V to16 V and 0 V
to 20 V ranges (RLOAD = 2 kΩ)
Output Voltage TC
±3
ppm FSR/°C
±10 V range, external reference
Short-Circuit Current
25
mA
Short on the VOUT pin
Resistive Load
1
kΩ
All ranges except 0 V to16 V and 0 V to 20 V
2
kΩ
0 V to16 V, 0 V to 20 V ranges
Load Regulation
0.3
mV/mA
Outputs unloaded
DC Output Impedance
0.5
Ω
Outputs unloaded
LOGIC INPUTS5
DVCC = 1.7 V to 5.5 V, JEDEC compliant
Input Voltage
High, VIH
0.7 × DVCC
V
Low, VIL
0.3 × DVCC
V
Input Current
Leakage Current
−1
+1
µA
SDI, SCLK, SYNC
−1
+1
µA
LDAC, CLEAR, RESET pins held high
−55
µA
LDAC, CLEAR, RESET pins held low
Pin Capacitance
5
pF
Per pin, outputs unloaded
LOGIC OUTPUTS (SDO, ALERT)5
Output Voltage
Low, VOL
0.4
V
DVCC = 1.7 V to 5.5 V, sinking 200 µA
High, VOH
DVCC − 0.5
V
DVCC = 1.7 V to 5.5 V, sourcing 200 µA
High Impedance, SDO Pin
Leakage Current
−1
+1
µA
Pin Capacitance
5
pF
POWER REQUIREMENTS
VDD
4.75
30
V
VSS
−16.5
0
V
DVCC
1.7
5.5
V
IDD
5.1
6.5
mA
Outputs unloaded, external reference
ISS
1
3
mA
Outputs unloaded
DICC
0.005
1
µA
VIH = DVCC, VIL = DGND
Power Dissipation
67.1
mW
±11 V operation, outputs unloaded
DC Power Supply Rejection
Ratio (PSRR)5
0.1
mV/V
VDD ± 10%, VSS = −15 V
0.1
mV/V
VSS ±10%, VDD = +15 V
AC PSRR5
80
dB
VDD ±200 mV, 50 Hz/60 Hz, VSS = −15 V; external
reference; CLOAD = unloaded
80
dB
VSS ±200 mV, 50 Hz/60 Hz, VDD = +15 V; external
reference; CLOAD = unloaded
1
For specified performance, headroom requirement is 1 V.
2
Temperature range: −40°C to +125°C, typical at +25°C.
3
External reference means 2 V to 2.85 V with overrange and 2 V to 3 V without overrange.
4
Integral nonlinearity error is specified at ±4 LSB (minimum/maximum) for 0 V to 16 V and 0 V to 20 V ranges with VREFIN = 2.5 V external reference, and for all ranges
with VREFIN = 2 V to 2.85 V with overrange and 2 V to 3 V without overrange.
5
Guaranteed by design and characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com