Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5721 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5721
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5721 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5721 Datasheet HTML 18Page - Analog Devices AD5721 Datasheet HTML 19Page - Analog Devices AD5721 Datasheet HTML 20Page - Analog Devices AD5721 Datasheet HTML 21Page - Analog Devices AD5721 Datasheet HTML 22Page - Analog Devices AD5721 Datasheet HTML 23Page - Analog Devices AD5721 Datasheet HTML 24Page - Analog Devices AD5721 Datasheet HTML 25Page - Analog Devices AD5721 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
AD5761/AD5721
Data Sheet
Rev. C | Page 22 of 31
SERIAL INTERFACE
The AD5761/AD5721 4-wire (SYNC, SCLK, SDI, and SDO)
digital interface is SPI compatible. The write sequence begins
after bringing the SYNC line low, maintaining this line low until
the complete data-word is loaded from the SDI pin. Data is
loaded in at the SCLK falling edge transition (see Figure 2).
When SYNC is brought high again, the serial data-word is
decoded according to the instructions in Table 10. The
AD5761/AD5721 contain an SDO pin to allow the user to
daisy-chain multiple devices together or to read back the
contents of the registers.
Standalone Operation
The serial interface works with both a continuous and noncontinu-
ous serial clock. A continuous SCLK source can be used only when
SYNC is held low for the correct number of clock cycles.
In gated clock mode, a burst clock containing the exact number
of clock cycles must be used, and SYNC must be taken high
after the final clock to latch the data. The first falling edge of
SYNC starts the write cycle. Exactly 24 falling clock edges must
be applied to SCLK before SYNC is brought high again. If SYNC is
brought high before the 24th falling SCLK edge, the data written is
invalid. If more than 24 falling SCLK edges are applied before
SYNC is brought high, the input data is also invalid.
The input shift register is updated on the rising edge of SYNC.
For another serial transfer to take place, SYNC must be brought
low again. After the end of the serial data transfer, data is
automatically transferred from the input shift register to the
addressed register. When the write cycle is complete, the output
can be updated by taking LDAC low while SYNC is high.
Readback Operation
The contents of the input, DAC, and control registers can be
read back via the SDO pin. Figure 4 shows how the registers are
decoded. After a register has been addressed for a read, the next
24 clock cycles clock the data out on the SDO pin. The clocks
must be applied while SYNC is low. When SYNC is returned high,
the SDO pin is placed in tristate. For a read of a single register,
the no operation (NOP) function clocks out the data. Alternatively,
if more than one register is to be read, the data of the first register
to be addressed clocks out at the same time that the second register
to be read is being addressed. The SDO pin must be enabled to
complete a readback operation. The SDO pin is enabled by default.
Daisy-Chain Operation
For systems that contain several devices, use the SDO pin to
daisy-chain several devices together. Daisy-chain mode is useful
in system diagnostics and in reducing the number of serial
interface lines. The first falling edge of SYNC starts the write
cycle. SCLK is continuously applied to the input shift register
when SYNC is low. If more than 24 clock pulses are applied, the
data ripples out of the shift register and appears on the SDO line.
This data is clocked out on the rising edge of SCLK and is valid
on the falling edge.
By connecting the SDO of the first device to the SDI input of
the next device in the chain, a multidevice interface is constructed.
Each device in the system requires 24 clock pulses. Therefore,
the total number of clock cycles must equal 24 × N, where N is
the total number of AD5761/AD5721 devices in the chain. When
the serial transfer to all devices is complete, SYNC is taken high,
which latches the input data in each device in the daisy chain
and prevents any further data from being clocked into the input
shift register.
*ADDITIONAL PINS OMITTED FOR CLARITY.
CONTROLLER
DATA IN
SDI
SCLK
DATA OUT
SERIAL CLOCK
CONTROL OUT
SDO
SCLK
SDO
SCLK
SDO
SDI
SDI
SYNC
SYNC
SYNC
AD5761/
AD5721*
AD5761/
AD5721*
AD5761/
AD5721*
Figure 65. Daisy-Chain Block Diagram
HARDWARE CONTROL PINS
Load DAC Function (LDAC)
After data transfers into the input register of the DAC, there are
two ways to update the DAC register and DAC output. Depend-
ing on the status of both SYNC and LDAC, one of two update
modes is selected: synchronous DAC update or asynchronous
DAC update.
Synchronous DAC Update
In synchronous DAC update mode, LDAC is held low while
data is being clocked into the input shift register. The DAC
output is updated on the rising edge of SYNC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com