Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5721 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5721
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5721 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5721 Datasheet HTML 9Page - Analog Devices AD5721 Datasheet HTML 10Page - Analog Devices AD5721 Datasheet HTML 11Page - Analog Devices AD5721 Datasheet HTML 12Page - Analog Devices AD5721 Datasheet HTML 13Page - Analog Devices AD5721 Datasheet HTML 14Page - Analog Devices AD5721 Datasheet HTML 15Page - Analog Devices AD5721 Datasheet HTML 16Page - Analog Devices AD5721 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Data Sheet
AD5761/AD5721
Rev. C | Page 13 of 32
–0.0030
–0.0025
–0.0020
–0.0015
–0.0010
–0.0005
0
0.0005
0.0010
0V TO 5V SPAN
±10V SPAN
SUPPLY VOLTAGE (V)
TA = 25°C
VREF = 2.5V
+5V SPAN AVDD/AVSS = +6V/–1V
±10V SPAN AVDD/AVSS = +11V/–11V
AVDD/AVSS = +7.5V/–1V
AVDD/AVSS = +12.5V/–12.5V
AVDD/AVSS = +10V/–1V
AVDD/AVSS = +13.5V/–13.5V
AVDD/AVSS = +12.5V/–1V
AVDD/AVSS = +14.5V/–14.5V
AVDD/AVSS = +16.5V/–1V
AVDD/AVSS = +16.5V/–16.5V
Figure 25. Zero-Scale Error vs. Supply Voltage
–0.0015
–0.0013
–0.0011
–0.0009
–0.0007
–0.0005
–0.0003
–0.0001
0.0001
0.0003
0.0005
0V TO 5V SPAN
±10V SPAN
TA = 25°C
VREF = 2.5V
SUPPLY VOLTAGE (V)
+5V SPAN AVDD/AVSS = +6V/–1V
±10V SPAN AVDD/AVSS = +11V/–11V
AVDD/AVSS = +7.5V/–1V
AVDD/AVSS = +12.5V/–12.5V
AVDD/AVSS = +10V/–1V
AVDD/AVSS = +13.5V/–13.5V
AVDD/AVSS = +12.5V/–1V
AVDD/AVSS = +14.5V/–14.5V
AVDD/AVSS = +16.5V/–1V
AVDD/AVSS = +16.5V/–16.5V
Figure 26. Midscale Error vs. Supply Voltage
SUPPLY VOLTAGE (V)
–0.0020
–0.0015
–0.0010
–0.0005
0
0.0005
0.0010
+5V SPAN AVDD/AVSS = +6V/–1V
±10V SPAN AVDD/AVSS = +11V/–11V
AVDD/AVSS = +7.5V/–1V
AVDD/AVSS = +12.5V/–12.5V
AVDD/AVSS = +10V/–1V
AVDD/AVSS = +13.5V/–13.5V
AVDD/AVSS = +12.5V/–1V
AVDD/AVSS = +14.5V/–14.5V
AVDD/AVSS = +16.5V/–1V
AVDD/AVSS = +16.5V/–16.5V
TA = 25°C
VREF = 2.5V
0V TO 5V SPAN
±10V SPAN
Figure 27. Full-Scale Error vs. Supply Voltage
–0.030
–0.025
–0.020
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0.020
0V TO 5V SPAN
±10V SPAN
TA = 25°C
VREF = 2.5V
SUPPLY VOLTAGE (V)
+5V SPAN AVDD/AVSS = +6V/–1V
±10V SPAN AVDD/AVSS = +11V/–11V
AVDD/AVSS = +7.5V/–1V
AVDD/AVSS = +12.5V/–12.5V
AVDD/AVSS = +10V/–1V
AVDD/AVSS = +13.5V/–13.5V
AVDD/AVSS = +12.5V/–1V
AVDD/AVSS = +14.5V/–14.5V
AVDD/AVSS = +16.5V/–1V
AVDD/AVSS = +16.5V/–16.5V
Figure 28. Gain Error vs. Supply Voltage
–0.005
–0.003
–0.001
0.001
0.003
0.005
2.0
2.5
3.0
0V TO 5V SPAN
±10V SPAN
REFERENCE VOLTAGE (V)
VDD = +21V
VSS = –11V
TA = 25⁰C
Figure 29. Zero-Scale Error vs. Reference Voltage
–0.0010
–0.0008
–0.0006
–0.0004
–0.0002
0
0.0002
0.0004
0.0006
0.0008
0.0010
2.0
2.5
3.0
REFERENCE VOLTAGE (V)
0V TO 5V SPAN
±10V SPAN
VDD = +21V
VSS = –11V
TA = 25°C
Figure 30. Midscale Error vs. Reference Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com