Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5721 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5721
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5721 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5721 Datasheet HTML 20Page - Analog Devices AD5721 Datasheet HTML 21Page - Analog Devices AD5721 Datasheet HTML 22Page - Analog Devices AD5721 Datasheet HTML 23Page - Analog Devices AD5721 Datasheet HTML 24Page - Analog Devices AD5721 Datasheet HTML 25Page - Analog Devices AD5721 Datasheet HTML 26Page - Analog Devices AD5721 Datasheet HTML 27Page - Analog Devices AD5721 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
AD5761/AD5721
Data Sheet
Rev. C | Page 24 of 31
REGISTER DETAILS
INPUT SHIFT REGISTER
The input shift register is 24 bits wide. Data is loaded into the device MSB first as a 24-bit word under the control of a serial clock input,
SCLK, which can operate at rates of up to 50 MHz. The input shift register consists of three don’t care bits, one fixed value bit (DB20 = 0),
four address bits, and a 16-bit or 12-bit data-word as shown in Table 8 and Table 9, respectively.
Table 8. AD5761 16-Bit Input Shift Register Format
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB0
X1
X1
X1
0
Register address
Register data
1
X means don’t care.
Table 9. AD5721 12-Bit Input Shift Register Format
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB4
DB3 to DB0
X1
X1
X1
0
Register address
Register data
XXXX1
1
X means don’t care.
Table 10. Input Shift Register Commands
Register Address
DB19
DB18
DB17
DB16
Command
0
0
0
0
No operation
0
0
0
1
Write to input register (no update)
0
0
1
0
Update DAC register from input register
0
0
1
1
Write and update DAC register
0
1
0
0
Write to control register
0
1
0
1
No operation
0
1
1
0
No operation
0
1
1
1
Software data reset
1
0
0
0
Reserved
1
0
0
1
Disable daisy-chain functionality
1
0
1
0
Readback input register
1
0
1
1
Readback DAC register
1
1
0
0
Readback control register
1
1
0
1
No operation
1
1
1
0
No operation
1
1
1
1
Software full reset
CONTROL REGISTER
The control register controls the mode of operation of the AD5761/AD5721. The control register options are shown in Table 11 and Table 12.
On power-up, after a full reset, or after a hardware reset, the output of the DAC is clamped to ground through a 1 kΩ resistor and the
output buffer remains in power-down mode. A write to the control register is required to configure the device, remove the clamp to
ground, and power up the output buffer.
When the DAC output range is reconfigured during operation, a software full reset command (see Table 26) must be written to the device
before writing to the control register.
Table 11. Write to Control Register
MSB
LSB
DB[23:21]
DB20
DB[19:16]
DB[15:11]
DB[10:9]
DB8
DB7
DB6
DB5
DB[4:3]
DB[2:0]
XXX1
0
Register address
Register data
XXX1
0
0100
XXXXX1
CV[1:0]
OVR
B2C
ETS
0
PV[1:0]
RA[2:0]
1
X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com