Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5721 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5721
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5721 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5721 Datasheet HTML 6Page - Analog Devices AD5721 Datasheet HTML 7Page - Analog Devices AD5721 Datasheet HTML 8Page - Analog Devices AD5721 Datasheet HTML 9Page - Analog Devices AD5721 Datasheet HTML 10Page - Analog Devices AD5721 Datasheet HTML 11Page - Analog Devices AD5721 Datasheet HTML 12Page - Analog Devices AD5721 Datasheet HTML 13Page - Analog Devices AD5721 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
AD5761/AD5721
Data Sheet
Rev. C | Page 10 of 32
TYPICAL PERFORMANCE CHARACTERSTICS
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
10000
20000
30000
40000
50000
60000
DAC CODE
0V TO 5V SPAN
0V TO 10V SPAN
0V TO 16V SPAN
0V TO 20V SPAN
VDD = +21V
VSS =–11V
Figure 7. AD5761 INL Error vs. DAC Code, Unipolar Output
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
500
1000
1500
2000
2500
3000
3500
4000
DAC CODE
0V TO 5V SPAN
0V TO 10V SPAN
0V TO 16V SPAN
0V TO 20V SPAN
VDD = +21V
VSS = –11V
Figure 8. AD5721 INL Error vs. DAC Code, Unipolar Output
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
10000
20000
30000
40000
50000
60000
DAC CODE
±3V SPAN
±5V SPAN
±10V SPAN
–2.5V TO +7.5V SPAN
VDD = +21V
VSS = –11V
Figure 9. AD5761 INL Error vs. DAC Code, Bipolar Output
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
500
1000
1500
2000
2500
3000
3500
4000
DAC CODE
VDD = +21V
VSS = –11V
±3V SPAN
±5V SPAN
±10V SPAN
–2.5V TO +7.5V SPAN
Figure 10. AD5721 INL Error vs. DAC Code, Bipolar Output
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
10000
20000
30000
40000
50000
60000
DAC CODE
VDD = +21V
VSS =–11V
0V TO 5V SPAN
0V TO 10V SPAN
0V TO 16V SPAN
0V TO 20V SPAN
Figure 11. AD5761 DNL Error vs. DAC Code, Unipolar Output
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
500
1000
1500
2000
2500
3000
3500
4000
DAC CODE
0V TO 5V SPAN
0V TO 10V SPAN
0V TO 16V SPAN
0V TO 20V SPAN
VDD = +21V
VSS = –11V
Figure 12. AD5721 DNL Error vs. DAC Code, Unipolar Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com