Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5721 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5721
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5721 Datasheet(HTML) 3 Page - Analog Devices

  AD5721 Datasheet HTML 1Page - Analog Devices AD5721 Datasheet HTML 2Page - Analog Devices AD5721 Datasheet HTML 3Page - Analog Devices AD5721 Datasheet HTML 4Page - Analog Devices AD5721 Datasheet HTML 5Page - Analog Devices AD5721 Datasheet HTML 6Page - Analog Devices AD5721 Datasheet HTML 7Page - Analog Devices AD5721 Datasheet HTML 8Page - Analog Devices AD5721 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Data Sheet
AD5761/AD5721
Rev. C | Page 3 of 31
SPECIFICATIONS
VDD1 = 4.75 V to 30 V, VSS1 = −16.5 V to 0 V, AGND = DGND = 0 V, VREFIN = 2.5 V external, DVCC = 1.7 V to 5.5 V, RLOAD = 1 kΩ for all
ranges except 0 V to 16 V and 0 V to 20 V for which RLOAD = 2 kΩ, CLOAD = 200 pF, all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter2
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE
External reference3, outputs unloaded
Programmable Output Ranges
0
5
V
0
10
V
0
16
V
0
20
V
−2.5
+7.5
V
−3
+3
V
−5
+5
V
−10
+10
V
AD5761
Resolution
16
Bits
Relative Accuracy, INL
A Grade
−8
+8
LSB
External reference3
B Grade4
−2
+2
LSB
All ranges except 0 V to 16 V and 0 V to 20 V, VREFIN =
2.5 V external reference
Differential Nonlinearity, DNL
−1
+1
LSB
AD5721
Resolution
12
Bits
Relative Accuracy, INL
B Grade
−0.5
+0.5
LSB
External reference3
Differential Nonlinearity, DNL
−0.5
+0.5
LSB
Zero-Scale Error
−6
+6
mV
All ranges except ±10 V and 0 V to 20 V, external
reference3
−10
+10
mV
0 V to 20 V, ±10 V ranges, external reference3
Zero-Scale Temperature
Coefficient (TC)5
±5
µV/°C
Unipolar ranges, external reference3
±15
µV/°C
Bipolar ranges, external reference3
Bipolar Zero Error
−5
+5
mV
All bipolar ranges except ±10 V
−7
+7
mV
±10 V output range
Bipolar Zero TC5
±2
µV/°C
±3 V range, external reference3
±5
µV/°C
All bipolar ranges except ±3 V, external reference3
Offset Error
−6
+6
mV
All ranges except ±10 V and 0 V to 20 V, external
reference3
−10
+10
mV
0 V to 20 V, ±10 V ranges; external reference3
Offset Error TC5
±5
µV/°C
Unipolar ranges, external reference3
±15
µV/°C
Bipolar ranges, external reference3
Gain Error
−0.1
+0.1
% FSR
External reference3
Gain Error TC5
±1.5
ppm FSR/°C
External reference3
Total Unadjusted Error (TUE)
−0.1
+0.1
% FSR
External reference3
REFERENCE INPUT5
Reference Input Voltage (VREF)
2.5
V
±1% for specified performance
Input Current
−2
±0.5
+2
µA
Reference Range
2
3
V
OUTPUT CHARACTERISTICS5
Output Voltage Range
−VOUT
+VOUT
Refer to Table 7 for the different output voltage
ranges available
−10
+10
V
VDD/VSS = ±11 V, ±10 V output range
−10.5
+10.5
V
VDD/VSS = ±11 V, ±10 V output range with 5%
overrange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com