Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5721 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5721
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5721 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5721 Datasheet HTML 4Page - Analog Devices AD5721 Datasheet HTML 5Page - Analog Devices AD5721 Datasheet HTML 6Page - Analog Devices AD5721 Datasheet HTML 7Page - Analog Devices AD5721 Datasheet HTML 8Page - Analog Devices AD5721 Datasheet HTML 9Page - Analog Devices AD5721 Datasheet HTML 10Page - Analog Devices AD5721 Datasheet HTML 11Page - Analog Devices AD5721 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
AD5761/AD5721
Data Sheet
Rev. C | Page 8 of 31
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up to
200 mA do not cause silicon controlled rectifier (SCR) latch-up.
Table 5.
Parameter
Rating
VDD to AGND
−0.3 V to +34 V
VSS to AGND
+0.3 V to −17 V
VDD to VSS
−0.3 V to +34 V
DVCC to DGND
−0.3 V to +7 V
Digital Inputs1 to DGND
−0.3 V to DVCC + 0.3 V or 7 V
(whichever is less)
Digital Outputs2 to DGND
−0.3 V to DVCC + 0.3 V or 7 V
(whichever is less)
VREFIN to DGND
−0.3 V to +7 V
VOUT to AGND
VSS to VDD
AGND to DGND
−0.3 V to +0.3 V
Operating Temperature Range,
TA Industrial
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature, TJ MAX
150°C
Thermal Impedance
16-Lead TSSOP
θJA
113°C/W3
θJC
28°C/W
16-Lead LFCSP
θJA
75°C/W3
θJC
4.5°C/W4
Power Dissipation
(TJ MAX − TA)/θJA
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
ESD (Human Body Model)
4 kV
1
The digital inputs include CLEAR, RESET, SCLK, SYNC, SDI, and LDAC.
2
The digital outputs include ALERT and SDO.
3
JEDEC 2S2P test board, still air (0 m/sec airflow).
4
Measured to exposed paddle, with infinite heat sink on package top surface.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com