Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5721 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5721
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5721 Datasheet(HTML) 1 Page - Analog Devices

  AD5721 Datasheet HTML 1Page - Analog Devices AD5721 Datasheet HTML 2Page - Analog Devices AD5721 Datasheet HTML 3Page - Analog Devices AD5721 Datasheet HTML 4Page - Analog Devices AD5721 Datasheet HTML 5Page - Analog Devices AD5721 Datasheet HTML 6Page - Analog Devices AD5721 Datasheet HTML 7Page - Analog Devices AD5721 Datasheet HTML 8Page - Analog Devices AD5721 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Multiple Range, 16-/12-Bit,
Bipolar/Unipolar, Voltage Output DACs
Data Sheet
AD5761/AD5721
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
8 software-programmable output ranges: 0 V to +5 V, 0 V to
+10 V, 0 V to +16 V, 0 V to +20 V, ±3 V, ±5 V, ±10 V, −2.5 V to
+7.5 V; 5% overrange
Total unadjusted error (TUE): 0.1% FSR maximum
16-bit resolution: ±2 LSB maximum INL
Guaranteed monotonicity: ±1 LSB maximum
Single channel, 16-/12-bit DACs
Settling time: 7.5 μs typical
Integrated reference buffers
Low noise: 35 nV/√Hz
Low glitch: 1 nV-sec
1.8 V logic compatibility
Asynchronous updating via LDAC
Asynchronous RESET to zero scale/midscale
DSP/microcontroller-compatible serial interface
Robust 4 kV HBM ESD rating
Available in 16-lead TSSOP and 16-lead LFCSP
Operating temperature range: −40°C to +125°C
APPLICATIONS
Industrial automation
Instrumentation, data acquisition
Open-/closed-loop servo control, process control
Programmable logic controllers
GENERAL DESCRIPTION
The AD5761/AD5721 are single channel, 16-/12-bit serial input,
voltage output, digital-to-analog converters (DACs). They operate
from single supply voltages from +4.75 V to +30 V or dual
supply voltages from −16.5 V to 0 V VSS and +4.75 V to +16.5 V
VDD. The integrated output amplifier and reference buffer
provide a very easy to use, universal solution.
The devices offer guaranteed monotonicity, integral nonlinearity
(INL) of ±2 LSB maximum, 35 nV/√Hz noise, and 7.5 μs settling
time on selected ranges.
The AD5761/AD5721 use a serial interface that operates at
clock rates of up to 50 MHz and are compatible with DSP and
microcontroller interface standards. Double buffering allows
the asynchronous updating of the DAC output. The input
coding is user-selectable twos complement or straight binary.
The asynchronous reset function resets all registers to their
default state. The output range is user selectable, via the
RA[2:0] bits in the control register.
The devices available in the 16-lead TSSOP and in the 16-lead
LFCSP offer guaranteed specifications over the −40°C to +125°C
industrial temperature range.
Table 1. Pin-Compatible Devices
Device
Description
AD5761R/AD5721R
AD5761/AD5721 with internal reference
FUNCTIONAL BLOCK DIAGRAM
12-BIT/
16-BIT
DAC
LDAC
VOUT
REFERENCE
BUFFERS
SDI
SCLK
SYNC
SDO
RESET
VDD
VSS
DVCC
INPUT SHIFT
REGISTER
AND
CONTROL
LOGIC
DGND
AGND
AD5761/AD5721
CLEAR
INPUT
REG
DAC
REG
12/16
12/16
ALERT
VREFIN
DNC
0V TO 5V
0V TO 10V
0V TO 16V
0V TO 20V
±3V
±5V
±10V
−2.5V TO +7.5V
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
Figure 1.


Similar Part No. - AD5721

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5721R AD-AD5721R Datasheet
1Mb / 36P
Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
1/2018-Rev. B to Rev. C
AD5721RBCPZ-RL7 AD-AD5721RBCPZ-RL7 Datasheet
1Mb / 35P
Multiple Range, 16-/12-Bit, Bipolar/Unipolar Voltage Output DACs with 2 ppm/째C Reference
Rev. A
AD5721RBCPZ-RL7 AD-AD5721RBCPZ-RL7 Datasheet
1Mb / 36P
Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
1/2018-Rev. B to Rev. C
AD5721RBRUZ AD-AD5721RBRUZ Datasheet
1Mb / 35P
Multiple Range, 16-/12-Bit, Bipolar/Unipolar Voltage Output DACs with 2 ppm/째C Reference
Rev. A
AD5721RBRUZ AD-AD5721RBRUZ Datasheet
1Mb / 36P
Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
1/2018-Rev. B to Rev. C
More results

Similar Description - AD5721

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5722 AD-AD5722 Datasheet
1,010Kb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
AD5722R AD-AD5722R Datasheet
295Kb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Rev. PrC
AD5724 AD-AD5724 Datasheet
1Mb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5752 AD-AD5752_15 Datasheet
1Mb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5761R AD-AD5761R Datasheet
1Mb / 35P
Multiple Range, 16-/12-Bit, Bipolar/Unipolar Voltage Output DACs with 2 ppm/째C Reference
Rev. A
AD5761R AD-AD5761R_18 Datasheet
1Mb / 36P
Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
1/2018-Rev. B to Rev. C
AD5722 AD-AD5722_17 Datasheet
1Mb / 31P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
2/2017-Rev. E to Rev. F
AD5722R AD-AD5722R_17 Datasheet
1Mb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
2/2017-Rev. E to Rev. F
AD5724 AD-AD5724_17 Datasheet
1Mb / 31P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
2/2017-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com