Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5721 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5721
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5721 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5721 Datasheet HTML 11Page - Analog Devices AD5721 Datasheet HTML 12Page - Analog Devices AD5721 Datasheet HTML 13Page - Analog Devices AD5721 Datasheet HTML 14Page - Analog Devices AD5721 Datasheet HTML 15Page - Analog Devices AD5721 Datasheet HTML 16Page - Analog Devices AD5721 Datasheet HTML 17Page - Analog Devices AD5721 Datasheet HTML 18Page - Analog Devices AD5721 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Data Sheet
AD5761/AD5721
Rev. C | Page 15 of 31
–15000
–10000
–5000
0
5000
10000
15000
20000
25000
30000
–30
–20
–10
0
10
20
30
40
VDD = +21V
VSS = –11V
TA = 25°C
±10V
0V TO 10V
±5V
0V TO 5V
–2.5V TO +7.5V
±3V
0V TO 16V
0V TO 20V
SOURCE/SINK CURRENT (mA)
Figure 37. Source and Sink Capability of Output Amplifier with Positive Full
Scale Loaded
–20000
–15000
–10000
–5000
0
5000
10000
15000
–30
–20
–10
0
10
20
30
SOURCE/SINK CURRENT (mA)
VDD = +21V
VSS = –11V
TA = 25°C
±10V
0V TO 10V
±5V
0V TO 5V
–2.5V TO +7.5V
±3V
0V TO 16V
0V TO 20V
Figure 38. Source and Sink Capability of Output Amplifier
with Negative Full Scale Loaded
–6
–4
–2
0
2
4
6
–8.0 –6.0 –4.0 –2.0
0
2.0
4.0
6.0
8.0
10.0 12.0 14.0
TIME (µs)
SYNC
±5V, ZERO SCALE
TO FULL SCALE
VDD = +21V
VSS = –11V
TA = 25°C
LOAD = 2k
Ω||200pF
Figure 39. Full-Scale Settling Time (Rising Voltage Step), ±5 V Range
–6
–4
–2
0
2
4
6
–8.0 –6.0 –4.0 –2.0
0
2.0
4.0
6.0
8.0
10.0 12.0 14.0
TIME (µs)
VDD = +21V
VSS = –11V
TA = 25°C
LOAD = 2k
Ω||200pF
SYNC
±5V, FULL SCALE
TO ZERO SCALE
Figure 40. Full-Scale Settling Time (Falling Voltage Step), ±5 V Range
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
–3 –2 –1 0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
TIME (µs)
VDD = +21V
VSS = –11V
TA = 25°C
LOAD = 2kΩ||200pF
SYNC
±10V, ZERO SCALE
TO FULL SCALE
Figure 41. Full-Scale Settling Time (Rising Voltage Step), ±10 V Range
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
–3.0
–1.0
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
TIME (µs)
VDD = +21V
VSS = –11V
TA = 25°C
LOAD = 2k
Ω||200pF
SYNC
±10V, FULL SCALE
TO ZERO SCALE
Figure 42. Full-Scale Settling Time (Falling Voltage Step), ±10 V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com