Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5721 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5721
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5721 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5721 Datasheet HTML 7Page - Analog Devices AD5721 Datasheet HTML 8Page - Analog Devices AD5721 Datasheet HTML 9Page - Analog Devices AD5721 Datasheet HTML 10Page - Analog Devices AD5721 Datasheet HTML 11Page - Analog Devices AD5721 Datasheet HTML 12Page - Analog Devices AD5721 Datasheet HTML 13Page - Analog Devices AD5721 Datasheet HTML 14Page - Analog Devices AD5721 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Data Sheet
AD5761/AD5721
Rev. C | Page 11 of 32
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
10000
20000
30000
40000
50000
60000
DAC CODE
VDD = +21V
VSS =–11V
±3V SPAN
±5V SPAN
±10V SPAN
–2.5V TO +7.5V SPAN
Figure 13. AD5761 DNL Error vs. DAC Code, Bipolar Output
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
500
1000150020002500300035004000
DAC CODE
VDD = +21V
VSS = –11V
±3V SPAN
±5V SPAN
±10V SPAN
–2.5V TO +7.5V SPAN
Figure 14. AD5721 DNL Error vs. DAC Code, Bipolar Output
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–40
–20
0
25
50
85
105
125
TEMPERATURE (°C)
VDD = +21V
VSS = –11V
MAXIMUM INL, 0V TO 5V SPAN
MAXIMUM INL, ±10V SPAN
MINIMUM INL, 0V TO 5V SPAN
MINIMUM INL, ±10V SPAN
Figure 15. INL Error vs. Temperature
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–40
–20
0
25
50
85
105
125
TEMPERATURE (°C)
VDD = +21V
VSS = –11V
MAXIMUM DNL, 0V TO 5V SPAN
MAXIMUM DNL, ±10V SPAN
MINIMUM DNL, 0V TO 5V SPAN
MINIMUM DNL, ±10V SPAN
Figure 16. DNL Error vs. Temperature
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
+5V SPAN AVDD/AVSS = +6V/–1V
±10V SPAN AVDD/AVSS = +11V/–11V
AVDD/AVSS = +7.5V/–1V
AVDD/AVSS = +12.5V/–12.5V
AVDD/AVSS = +10V/–1V
AVDD/AVSS = +13.5V/–13.5V
AVDD/AVSS = +12.5V/–1V
AVDD/AVSS = +14.5V/–14.5V
AVDD/AVSS = +16.5V/–1V
AVDD/AVSS = +16.5V/–16.5V
SUPPLY VOLTAGE (V)
VDD = +21V
VSS = –11V
TA = 25°C
NO LOAD
MAXIMUM INL, 0V TO 5V SPAN
MAXIMUM INL, ±10V SPAN
MINIMUM INL, 0V TO 5V SPAN
MINIMUM INL, ±10V SPAN
Figure 17. INL Error vs. Supply Voltage
+5V SPAN AVDD/AVSS = +6V/–1V
±10V SPAN AVDD/AVSS = +11V/–11V
AVDD/AVSS = +7.5V/–1V
AVDD/AVSS = +12.5V/–12.5V
AVDD/AVSS = +10V/–1V
AVDD/AVSS = +13.5V/–13.5V
AVDD/AVSS = +12.5V/–1V
AVDD/AVSS = +14.5V/–14.5V
AVDD/AVSS = +16.5V/–1V
AVDD/AVSS = +16.5V/–16.5V
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
SUPPLY VOLTAGE (V)
VDD = +21V
VSS = –11V
TA = 25°C
NO LOAD
MAXIMUM DNL, 0V TO 5V SPAN
MAXIMUM DNL, ±10V SPAN
MINIMUM DNL, 0V TO 5V SPAN
MINIMUM DNL, ±10V SPAN
Figure 18. DNL Error vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com