Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5721 Datasheet(PDF) 27 Page - Analog Devices

Part # AD5721
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5721 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5721 Datasheet HTML 23Page - Analog Devices AD5721 Datasheet HTML 24Page - Analog Devices AD5721 Datasheet HTML 25Page - Analog Devices AD5721 Datasheet HTML 26Page - Analog Devices AD5721 Datasheet HTML 27Page - Analog Devices AD5721 Datasheet HTML 28Page - Analog Devices AD5721 Datasheet HTML 29Page - Analog Devices AD5721 Datasheet HTML 30Page - Analog Devices AD5721 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Data Sheet
AD5761/AD5721
Rev. C | Page 27 of 31
Table 19. Readback DAC Register, 24-Bit Data Read from SDO Pin
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB0
X1
X1
X1
0
Register address
Register data
X1
X1
X1
0
1011
Data read from DAC register
1
X means don’t care.
WRITE AND UPDATE DAC REGISTER
The write and update DAC register (Register Address 0011) updates the input register and the DAC register with the entered data-word
from the input shift register, irrespective of the state of LDAC.
Setting the register address to 0001 writes the input register with the data from the input shift register, clocked in MSB first on the SDI
pin.
Table 20. Write and Update DAC Register
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB0
X1
X1
X1
0
Register address
Register data
X1
X1
X1
0
0001
Data loaded
X1
X1
X1
0
0011
Data loaded
1
X means don’t care.
READBACK INPUT REGISTER
The readback input register operation provides the contents of the input register by setting the register address to 1010. Table 21 outlines
the 24-bit shift register for this command. During the next command, the input register contents are shifted out of the SDO pin with MSB
shifted out first. Table 22 outlines the 24-bit data read from the SDO pin, where DB23 is the first bit shifted out.
Table 21. Read Back Input Register, 24-Bit Shift Register to the SDI Pin
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB0
X1
X1
X1
0
Register address
Register data
X1
X1
X1
0
1010
Don’t care
1
X means don’t care.
Table 22. Readback Input Register, 24-Bit Data Read from the SDO Pin
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB0
X1
X1
X1
0
Register address
Register data
X1
X1
X1
0
1010
Data read from input register
1
X means don’t care.
DISABLE DAISY-CHAIN FUNCTIONALITY
The daisy-chain feature can be disabled to save the power consumed by the SDO buffer when this functionality is not required (see Table 23).
When disabled, a readback request is not accepted because the SDO pin remains in tristate.
Table 23. Disable Daisy-Chain Functionality Register
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB1
DB0
X1
X1
X1
0
Register address
Register data
X1
X1
X1
0
1001
Don’t care
DDC
1
X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com