Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5721 Datasheet(PDF) 28 Page - Analog Devices

Part # AD5721
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5721 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5721 Datasheet HTML 23Page - Analog Devices AD5721 Datasheet HTML 24Page - Analog Devices AD5721 Datasheet HTML 25Page - Analog Devices AD5721 Datasheet HTML 26Page - Analog Devices AD5721 Datasheet HTML 27Page - Analog Devices AD5721 Datasheet HTML 28Page - Analog Devices AD5721 Datasheet HTML 29Page - Analog Devices AD5721 Datasheet HTML 30Page - Analog Devices AD5721 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
AD5761/AD5721
Data Sheet
Rev. C | Page 28 of 31
Table 24. Disable Daisy-Chain Bit Description
Bit Name
Description
DDC
DDC decides whether daisy-chain functionality is enabled or disabled for the device. By default, daisy-chain functionality is
enabled.
0: daisy-chain functionality is enabled for the device.
1: daisy-chain functionality is disabled for the device.
SOFTWARE DATA RESET
The AD5761/AD5721 can be reset via software to zero scale, midscale, or full scale (see Table 25). The value to which the device is reset is
specified by the PV1 and PV0 bits, which are set in the write to control register command (see Table 11 and Table 12).
Table 25. Software Data Reset Register
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB0
X1
X1
X1
0
Register address
Register data
X1
X1
X1
0
0111
Don’t care
1
X means don’t care.
SOFTWARE FULL RESET
The device can also be reset completely via software (see Table 26). When the register address is set to 1111, the device behaves in a
power-up state, where the output is clamped to AGND and the output buffer is powered down. The user must write to the control register
to configure the device, remove the 1 kΩ resistor clamp to ground, and power up the output buffer.
The software full reset command is also issued when the DAC output range is reconfigured during normal operation.
Table 26. Software Full Reset Register
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB0
X1
X1
X1
0
Register address
Register data
X1
X1
X1
0
1111
Don’t care
1
X means don’t care.
NO OPERATION REGISTERS
The no operation registers are ignored and do not vary the state of the device (see Table 27).
Table 27. No Operation Registers
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB0
X1
X1
X1
0
Register address
Register data
X1
X1
X1
0
0000/0101/0110/1101/1110
Don’t care
1
X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com