Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5721 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5721
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5721 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5721 Datasheet HTML 5Page - Analog Devices AD5721 Datasheet HTML 6Page - Analog Devices AD5721 Datasheet HTML 7Page - Analog Devices AD5721 Datasheet HTML 8Page - Analog Devices AD5721 Datasheet HTML 9Page - Analog Devices AD5721 Datasheet HTML 10Page - Analog Devices AD5721 Datasheet HTML 11Page - Analog Devices AD5721 Datasheet HTML 12Page - Analog Devices AD5721 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Data Sheet
AD5761/AD5721
Rev. C | Page 9 of 31
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
12
11
10
1
3
4
9
2
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. EXPOSED PAD. ENSURE THAT THE EXPOSED PAD IS
MECHANICALLY CONNECTED TO A PCB COPPER PLANE
FOR OPTIMAL THERMAL PERFORMANCE. THE EXPOSED PAD
CAN BE LEFT ELECTRICALLY FLOATING.
RESET
VREFIN
AGND
VSS
SCLK
SYNC
SDI
LDAC
AD5761/
AD5721
TOP VIEW
(Not to Scale)
Figure 5. LFCSP Pin Configuration
1
2
3
4
5
6
7
8
AGND
VOUT
VSS
VREFIN
VDD
16
15
14
13
12
11
10
9
SDI
DGND
SDO
DVCC
DNC
DNC = DO NOT CONNECT. DO NOT
CONNECT TO THIS PIN.
SCLK
AD5761/
AD5721
TOP VIEW
(Not to Scale)
SYNC
CLEAR
RESET
LDAC
ALERT
Figure 6. TSSOP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
LFCSP
TSSOP
Mnemonic
Description
1
3
RESET
Active Low Reset Input. Asserting this pin returns the AD5761/AD5721 to their default power-on status
where the output is clamped to ground and the output buffer is powered down. This pin can be left
floating because there is an internal pull-up resistor.
2
4
VREFIN
External Reference Voltage Input. For specified performance, VREFIN = 2.5 V.
3
5
AGND
Ground Reference for Analog Circuitry.
4
6
VSS
Negative Analog Supply Connection. A voltage in the range of −16.5 V to 0 V can be connected to this pin.
For unipolar output ranges, connect this pin to 0 V. VSS must be decoupled to AGND.
5
7
VOUT
Analog Output Voltage of the DAC. The output amplifier is capable of directly driving a 2 kΩ, 1 nF load.
6
8
VDD
Positive Analog Supply Connection. A voltage in the range of 4.75 V to 30 V can be connected to this pin
for unipolar output ranges. Bipolar output ranges accept a voltage in the range of 4.75 V to 16.5 V. VDD
must be decoupled to AGND.
7
9
DNC
Do Not Connect. Do not connect to this pin.
8
10
SDO
Serial Data Output. This pin clocks data from the serial register in daisy-chain or readback mode. Data is
clocked out on the rising edge of SCLK and is valid on the falling edge of SCLK.
9
11
LDAC
Load DAC. This logic input updates the DAC register and, consequently, the analog output. When tied
permanently low, the DAC register is updated when the input register is updated. If LDAC is held high
during the write to the input register, the DAC output register is not updated, and the DAC output update is
held off until the falling edge of LDAC. This pin can be left floating because there is an internal pull-up resistor.
10
12
SDI
Serial Data Input. Data must be valid on the falling edge of SCLK.
11
13
SYNC
Active Low Synchronization Input. This pin is the frame synchronization signal for the serial interface. While
SYNC is low, data is transferred in on the falling edge of SCLK. Data is latched on the rising edge of SYNC.
12
14
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of SCLK. This pin
operates at clock speeds of up to 50 MHz.
13
15
DVCC
Digital Supply. The voltage range is from 1.7 V to 5.5 V. The applied voltage sets the voltage at which the
digital interface operates.
14
16
DGND
Digital Ground.
15
1
ALERT
Active Low Alert. This pin is asserted low when the die temperature exceeds approximately 150°C, or
when an output short circuit or a brownout occurs. This pin is also asserted low during power-up, a full
software reset, or a hardware reset, for which a write to the control register asserts the pin high.
16
2
CLEAR
Falling Edge Clear Input. Asserting this pin sets the DAC register to zero-scale, midscale, or full-scale code
(user selectable) and updates the DAC output. This pin can be left floating because there is an internal
pull-up resistor.
17
N/A1
EPAD
Exposed Pad. Ensure that the exposed pad is mechanically connected to a PCB copper plane for optimal
thermal performance. The exposed pad can be left electrically floating.
1
N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com