Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5721 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5721
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5721 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5721 Datasheet HTML 8Page - Analog Devices AD5721 Datasheet HTML 9Page - Analog Devices AD5721 Datasheet HTML 10Page - Analog Devices AD5721 Datasheet HTML 11Page - Analog Devices AD5721 Datasheet HTML 12Page - Analog Devices AD5721 Datasheet HTML 13Page - Analog Devices AD5721 Datasheet HTML 14Page - Analog Devices AD5721 Datasheet HTML 15Page - Analog Devices AD5721 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
AD5761/AD5721
Data Sheet
Rev. C | Page 12 of 31
–3
–2
–1
0
1
2
3
2.00
2.25
2.50
2.75
3.00
REFERENCE VOLTAGE (V)
VDD = +21V
VSS = –11V
MAXIMUM INL, 0V TO 5V SPAN
MAXIMUM INL, ±10V SPAN
MINIMUM INL, 0V TO 5V SPAN
MINIMUM INL, ±10V SPAN
Figure 19. INL Error vs. Reference Voltage
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
MAXIMUM DNL, 0V TO 5V SPAN
MAXIMUM DNL, ±10V SPAN
MINIMUM DNL, 0V TO 5V SPAN
MINIMUM DNL, ±10V SPAN
REFERENCE VOLTAGE (V)
VDD = +21V
VSS = –11V
2.00
2.25
2.50
2.75
3.00
Figure 20. DNL Error vs. Reference Voltage
–40
–20
0
25
50
85
105
125
TEMPERATURE (°C)
–0.010
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
0.010
0V TO 5V SPAN
0V TO 10V SPAN
VDD = +21V
VSS = –11V
Figure 21. Zero-Scale Error vs. Temperature
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
–40
–20
0
25
50
85
105
125
TEMPERATURE (°C)
VDD = +21V
VSS = –11V
0V TO 5V SPAN
±10V SPAN
Figure 22. Midscale Error vs. Temperature
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
–40
–20
0
25
50
85
105
125
TEMPERATURE (°C)
VDD = +21V
VSS = –11V
0V TO 5V SPAN
±10V SPAN
Figure 23. Full-Scale Error vs. Temperature
–40
–20
0
25
50
85
105
125
TEMPERATURE (°C)
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
VDD = +21V
VSS = –11V
0V TO 5V SPAN
±10V SPAN
Figure 24. Gain Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com