Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5721 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5721
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5721 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5721 Datasheet HTML 23Page - Analog Devices AD5721 Datasheet HTML 24Page - Analog Devices AD5721 Datasheet HTML 25Page - Analog Devices AD5721 Datasheet HTML 26Page - Analog Devices AD5721 Datasheet HTML 27Page - Analog Devices AD5721 Datasheet HTML 28Page - Analog Devices AD5721 Datasheet HTML 29Page - Analog Devices AD5721 Datasheet HTML 30Page - Analog Devices AD5721 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Data Sheet
AD5761/AD5721
Rev. C | Page 29 of 31
APPLICATIONS INFORMATION
TYPICAL OPERATING CIRCUIT
Figure 66 shows the typical operating circuit for the AD5761/
AD5721. The only external components needed for these precision
16-/12-bit DACs are decoupling capacitors, supply voltage, and an
external reference. The integration of a reference buffer in the
AD5761/AD5721 results in overall savings in both cost and board
space.
In Figure 66, VDD is connected to 15 V and VSS is connected to
−15 V, but VDD and VSS can operate with supplies from 4.75 V to
30 V and from −16.5 V to 0 V, respectively.
Precision Voltage Reference Selection
An external reference is required for the AD5761/AD5721. Take
care in the selection of the same because any error in the voltage
reference is reflected in the output of the device.
There are four possible sources of error to consider when choosing
a voltage reference for high accuracy applications: initial accuracy,
temperature coefficient of the output voltage, long-term drift,
and output voltage noise.
Initial accuracy error on the output voltage of an external
reference may lead to a full-scale error in the DAC. Therefore,
to minimize these errors, a reference with low initial accuracy
error specification is preferred. Choosing a reference with an
output trim adjustment, such as the ADR421, allows a system
designer to trim system errors out by setting the reference
voltage to a voltage other than the nominal. The trim adjustment
can also be used at ambient temperature to trim out any error.
Long-term drift is a measure of how much the reference output
voltage drifts over time. A reference with a tight long-term drift
specification ensures that the overall solution remains relatively
stable over its entire lifetime.
The temperature coefficient of a reference output voltage affects
gain error and TUE. Choose a reference with a tight temperature
coefficient specification to reduce the dependence of the DAC
output voltage on ambient conditions.
In high accuracy applications, which have a relatively low noise
budget, reference output voltage noise must be considered. It is
important to choose a reference with as low an output noise
voltage as practical for the system resolution that is required.
Precision voltage references, such as the ADR4525, produce low
output noise in the 0.1 Hz to 10 Hz region. However, as the circuit
bandwidth increases, filtering the output of the reference may
be required to minimize the output noise.
1
2
3
4
5
6
7
8
VOUT
–15V
10µF
10µF
100nF
100nF
VREFIN
+15V
16
15
14
13
12
11
10
9
SDI
DGND
SDO
DVCC
DNC
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
SCLK
AD5761/
AD5721
SYNC
CLEAR
RESET
LDAC
SDI
SDO
SCLK
SYNC
LDAC
ALERT
AGND
VOUT
VSS
VREFIN
VDD
CLEAR
RESET
ALERT
+
100nF
10µF
+5V
Figure 66. Typical Operating Circuit
POWER SUPPLY CONSIDERATIONS
The AD5761/AD5721 must be powered by the following three
supplies to provide any of the eight output voltage ranges available
on the DAC: VDD = +21 V, VSS = −11 V, and DVCC = +5 V.
For applications requiring optimal high power efficiency and
low noise performance, it is recommended that the ADP5070
switching regulator be used to convert the 5 V input rail into
two intermediate rails (+23 V and −13 V). These intermediate
rails are then postregulated by very low noise, low dropout (LDO)
regulators (ADP7142 and ADP7182). Figure 67 shows the
recommended method.
ADP7182
LDO
ADP5070
DC-TO-DC
SWITCHING
REGULATOR
–11V: VSS
ADP7142
LDO
+5V: DVCC
ADP7142
LDO
SWITCHING
REGULATOR
+21V: VDD
5V INPUT
+23V
–13V
5V INPUT
ADP5070
DC-TO-DC
Figure 67. Postregulation by ADP7142 and ADP7182
EVALUATION BOARD
An evaluation board is available for the AD5761R to aid designers
in evaluating the high performance of the device with minimum
effort. This evaluation board can be used to evaluate the AD5761/
AD5721. The AD5761R evaluation kit includes a populated and
tested AD5761R printed circuit board (PCB). The evaluation
board interfaces to the USB port of a PC. Software is available
with the evaluation board to allow the user to easily program
the AD5761R. The EVAL-AD5761RSDZ user guide gives full
details on the operation of the evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com