Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5721 Datasheet(PDF) 25 Page - Analog Devices

Part # AD5721
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5721 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5721 Datasheet HTML 21Page - Analog Devices AD5721 Datasheet HTML 22Page - Analog Devices AD5721 Datasheet HTML 23Page - Analog Devices AD5721 Datasheet HTML 24Page - Analog Devices AD5721 Datasheet HTML 25Page - Analog Devices AD5721 Datasheet HTML 26Page - Analog Devices AD5721 Datasheet HTML 27Page - Analog Devices AD5721 Datasheet HTML 28Page - Analog Devices AD5721 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Data Sheet
AD5761/AD5721
Rev. C | Page 25 of 31
Table 12. Control Register Functions
Bit Name
Description
CV[1:0]
CLEAR voltage selection.
00: zero scale.
01: midscale.
10, 11: full scale.
OVR
5% overrange.
0: 5% overrange disabled.
1: 5% overrange enabled.
B2C
Bipolar range.
0: DAC input for bipolar output range is straight binary coded.
1: DAC input for bipolar output range is twos complement coded.
ETS
Thermal shutdown alert. The alert may not work correctly if the device powers on with temperature conditions >150°C
(greater than the maximum rating of the device).
0: internal digital supply does not power down if die temperature exceeds 150°C.
1: internal digital supply powers down if die temperature exceeds 150°C.
PV[1:0]
Power-up voltage.
00: zero scale.
01: midscale.
10, 11: full scale.
RA[2:0]
Output range. Before an output range configuration, the device must be reset.
000: −10 V to +10 V.
001: 0 V to +10 V.
010: −5 V to +5 V.
011: 0 V to 5 V.
100: −2.5 V to +7.5 V.
101: −3 V to +3 V.
110: 0 V to 16 V.
111: 0 V to 20 V.
Table 13. Bipolar Output Range Possible Codes
Straight Binary
Decimal Code
Twos Complement
1111
+7
0111
1110
+6
0110
1101
+5
0101
1100
+4
0100
1011
+3
0011
1010
+2
0010
1001
+1
0001
1000
0
0000
0111
−1
1111
0110
−2
1110
0101
−3
1101
0100
−4
1100
0011
−5
1011
0010
−6
1010
0001
−7
1001
0000
−8
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com