Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5721 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5721
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5721 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5721 Datasheet HTML 17Page - Analog Devices AD5721 Datasheet HTML 18Page - Analog Devices AD5721 Datasheet HTML 19Page - Analog Devices AD5721 Datasheet HTML 20Page - Analog Devices AD5721 Datasheet HTML 21Page - Analog Devices AD5721 Datasheet HTML 22Page - Analog Devices AD5721 Datasheet HTML 23Page - Analog Devices AD5721 Datasheet HTML 24Page - Analog Devices AD5721 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Data Sheet
AD5761/AD5721
Rev. C | Page 21 of 31
THEORY OF OPERATION
DIGITAL-TO-ANALOG CONVERTER
The AD5761/AD5721 are single channel 16-bit/12-bit voltage
output DACs. The AD5761/AD5721 output ranges are software
selectable and can be configured as follows:
Unipolar output voltage: 0 V to 5 V, 0 V to 10 V, 0 V to 16 V,
0 V to 20 V
Bipolar output voltage: −2.5 V to +7.5 V, ±3 V, ±5 V, ±10 V
Data is written to the AD5761/AD5721 in a 24-bit word format
via a 4-wire digital interface that is serial peripheral interface
(SPI) compatible. The devices also offer an SDO pin to facilitate
daisy-chaining and readback.
TRANSFER FUNCTION
The input coding to the DAC can be straight binary or twos
complement (bipolar ranges case only). Therefore, the transfer
function is given by


×
×
=
C
D
M
V
V
N
REF
OUT
2
where:
VREF is 2.5 V.
M is the slope for a given output range (see Table 7).
D is the decimal equivalent of the code loaded to the DAC
register as follows:
0 to 4095 for the 12-bit device.
0 to 65,535 for the 16-bit device.
N is the number of bits. N is 12 for the AD5721 and 16 for the
AD5761.
C is the offset for a given output range (see Table 7).
Table 7. M and C Values for Various Output Ranges
Range
M
C
±10 V
8
4
±5 V
4
2
±3 V
2.4
1.2
−2.5 V to +7.5 V
4
1
0 V to 20 V
8
0
0 V to 16 V
6.4
0
0 V to 10 V
4
0
0 V to 5 V
2
0
DAC ARCHITECTURE
The DAC architecture consists of an R-2R DAC followed by an
output buffer amplifier. Figure 63 shows a block diagram of the
DAC architecture. Note that the reference input is buffered
prior to being applied to the DAC.
The output voltage range obtained from the configurable output
amplifier is selected by writing to the 3 LSBs, (RA[2:0]), in the
control register.
AGND
REFIN
CONFIGURABLE
OUTPUT
AMPLIFIER
OUTPUT
RANGE CONTROL
VREFIN
DAC REGISTER
VOUT
Figure 63. DAC Architecture
R-2R DAC
The architecture of the AD5761/AD5721 consists of two
matched DAC sections. A simplified circuit diagram is shown
in Figure 64. The six MSBs of the 16-bit data-word are decoded
to drive 63 switches, E0 to E62, whereas the remaining 10 bits of
the data-word drive the S0 to S9 switches of a 10-bit voltage
mode R-2R ladder network.
The code loaded into the DAC register determines which arms
of the ladder are switched between VREFIN and ground (AGND).
The output voltage is taken from the end of the ladder and
amplified afterwards to provide the selected output voltage.
2R
S0
2R
2R
10-BIT R-2R LADDER
SIX MSBs DECODED INTO
63 EQUAL SEGMENTS
S1
2R
S9
2R
R
R
R
E62
2R ...
...
...
...
E61
2R
VOUT
VREFIN
AGND
E0
Figure 64. DAC Ladder Structure
Reference Buffer
The AD5761/AD5721 operate with an external reference. The
reference input has an input range of 2 V to 3 V with 2.5 V for
specified performance. This input voltage is then buffered
before it is applied to the DAC core.
DAC Output Amplifier
The output amplifier is capable of generating both unipolar and
bipolar output voltages. It is capable of driving a load of 2 kΩ in
parallel with 1 nF to AGND. The source and sink capabilities of
the output amplifier are shown in Figure 37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com