Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8420 Datasheet (PDF) - Analog Devices

DAC8420 Datasheet PDF - Analog Devices
Part # DAC8420
Download  DAC8420 Download
File Size   587.74 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 12-Bit Serial Voltage Output DAC

DAC8420 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8420 Datasheet PDF - Analog Devices

Part # DAC8420
Download  DAC8420 Click to download

File Size   587.74 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 12-Bit Serial Voltage Output DAC

DAC8420 Datasheet (HTML) - Analog Devices


DAC8420 Product details

GENERAL DESCRIPTION

The DAC8420 is a quad, 12-bit voltage-output DAC with serial digital interface in a 16-lead package. Utilizing BiCMOS technology, this monolithic device features unusually high circuit density and low power consumption. The simple, easy-to-use serial digital input and fully buffered analog voltage outputs require no external components to achieve a specified performance.



FEATURES

    Guaranteed monotonic over temperature

    Excellent matching between DACs

    Unipolar or bipolar operation

    Buffered voltage outputs

    High speed serial digital interface

    Reset-to-zero scale or midscale

    Wide supply range, +5 V only to ±15 V

    Low power consumption (35 mW maximum)

    Available in 16-Lead PDIP, SOIC, and CERDIP packages



APPLICATIONS

    Software controlled calibration

    Servo controls

    Process control and automation

    ATE




Similar Part No. - DAC8420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
DAC8420EP AD-DAC8420EP Datasheet
1Mb / 24P
Quad 12-Bit Serial Voltage Output DAC
REV. B
DAC8420EPZ AD-DAC8420EPZ Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
DAC8420EPZ2 AD-DAC8420EPZ2 Datasheet
1Mb / 24P
Quad 12-Bit Serial Voltage Output DAC
REV. B
DAC8420ES AD-DAC8420ES Datasheet
1Mb / 24P
Quad 12-Bit Serial Voltage Output DAC
REV. B
More results


Similar Description - DAC8420

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5312 MAXIM-MAX5312 Datasheet
1Mb / 19P
-10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
4/07-Revision 0
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
Quad 12-Bit Serial Voltage Output DAC
REV. B
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com