Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8420 Datasheet(PDF) 1 Page - Analog Devices

Part # DAC8420
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420 Datasheet(HTML) 1 Page - Analog Devices

  DAC8420 Datasheet HTML 1Page - Analog Devices DAC8420 Datasheet HTML 2Page - Analog Devices DAC8420 Datasheet HTML 3Page - Analog Devices DAC8420 Datasheet HTML 4Page - Analog Devices DAC8420 Datasheet HTML 5Page - Analog Devices DAC8420 Datasheet HTML 6Page - Analog Devices DAC8420 Datasheet HTML 7Page - Analog Devices DAC8420 Datasheet HTML 8Page - Analog Devices DAC8420 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FUNCTIONAL BLOCK DIAGRAM
REG
A
SHIFT
REGISTER
DECODE
VOUTA
VOUTB
VOUTC
VOUTD
2
3
6
7
8
15
16
9
GND
CLSEL
4
VREFLO
VSS
5
VREFHI
VDD
10
12
11
13
14
SDI
CLK
NC
CS
LD
REG
A
1
DAC A
REG
B
DAC B
REG
C
DAC C
REG
D
DAC D
CLR
12
4
2
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Quad 12-Bit Serial
Voltage Output DAC
DAC8420
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Guaranteed Monotonic Over Temperature
Excellent Matching Between DACs
Unipolar or Bipolar Operation
Buffered Voltage Outputs
High Speed Serial Digital Interface
Reset to Zero- or Center-Scale
Wide Supply Range, +5 V-Only to
15 V
Low Power Consumption (35 mW max)
Available in 16-Pin DIP and SOL Packages
APPLICATIONS
Software Controlled Calibration
Servo Controls
Process Control and Automation
ATE
The DAC8420 is available in 16-pin epoxy DIP, cerdip, and
wide-body SOL (small-outline surface mount) packages. Opera-
tion is specified with supplies ranging from +5 V-only to
±15 V,
with references of +2.5 V to
±10 V respectively. Power dissipa-
tion when operating from
±15 V supplies is less than 255 mW
(max), and only 35 mW (max) with a +5 V supply.
For applications requiring product meeting MIL-STD-883,
contact your local sales office for the DAC8420/883 data sheet,
which specifies operation over the –55
°C to +125°C tempera-
ture range.
GENERAL DESCRIPTION
The DAC8420 is a quad, 12-bit voltage-output DAC with serial
digital interface, in a 16-pin package. Utilizing BiCMOS tech-
nology, this monolithic device features unusually high circuit
density and low power consumption. The simple, easy-to-use
serial digital input and fully buffered analog voltage outputs
require no external components to achieve specified performance.
The three-wire serial digital input is easily interfaced to micro-
processors running at 10 MHz rates, with minimal additional
circuitry. Each DAC is addressed individually by a 16-bit serial
word consisting of a 12-bit data word and an address header.
The user-programmable reset control CLR forces all four DAC
outputs to either zero or midscale, asynchronously overriding
the current DAC register values. The output voltage range, de-
termined by the inputs VREFHI and VREFLO, is set by the
user for positive or negative unipolar or bipolar signal swings
within the supplies allowing considerable design flexibility.


Similar Part No. - DAC8420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
DAC8420EP AD-DAC8420EP Datasheet
1Mb / 24P
Quad 12-Bit Serial Voltage Output DAC
REV. B
DAC8420EPZ AD-DAC8420EPZ Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
DAC8420EPZ2 AD-DAC8420EPZ2 Datasheet
1Mb / 24P
Quad 12-Bit Serial Voltage Output DAC
REV. B
DAC8420ES AD-DAC8420ES Datasheet
1Mb / 24P
Quad 12-Bit Serial Voltage Output DAC
REV. B
More results

Similar Description - DAC8420

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5312 MAXIM-MAX5312 Datasheet
1Mb / 19P
-10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
4/07-Revision 0
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
Quad 12-Bit Serial Voltage Output DAC
REV. B
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com