Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2604 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM2604
Description  Quad 10-Bit Serial Input Voltage Output DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2604 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM2604 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
WM2604
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 June 1999
2
PIN CONFIGURATION
12
11
10
16
15
14
13
5
6
7
1
2
3
4
REFINCD
OUTD
OUTC
OUTB
OUTA
AVDD
REFINAB
FS
NCS
SCLK
DIN
NLDAC
DVDD
NPD
8
DGND
9
AGND
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
DVDD
Supply
Digital supply.
2
NPD
Digital input
Power down. Powers down all DACs overriding their individual power down
settings and all output stages. This pin is active low.
3
NLDAC
Digital input
Load DAC. Digital input active low. NLDAC must be taken low to update
the DAC latch from the holding latches.
4
DIN
Digital input
Serial data input.
5
SCLK
Digital input
Serial clock input.
6
NCS
Digital input
Chip select. This pin is active low.
7
FS
Digital input
Frame synchronisation for serial input data.
8
DGND
Ground
Digital ground.
9
AGND
Ground
Analogue ground.
10
REFINCD
Analogue input
Voltage reference input for DACs C and D.
11
OUTD
Analogue output
DAC D output.
12
OUTC
Analogue output
DAC C output.
13
OUTB
Analogue output
DAC B output.
14
OUTA
Analogue output
DAC A output.
15
REFINAB
Analogue input
Voltage reference input for DACs A and B.
16
AVDD
Supply
Analogue supply.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com