Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2604 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM2604
Description  Quad 10-Bit Serial Input Voltage Output DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2604 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM2604 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
WM2604
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 June 99
3
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at or
beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible to
damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage of this
device.
CONDITION
MIN
MAX
Supply voltages, AVDD to AGND, DVDD to DGND
7V
Supply voltage differences, AVDD to DVDD
-2.8V
2.8V
Digital input voltage
-0.3V
DVDD + 0.3V
Reference input voltage
-0.3V
AVDD + 0.3V
Operating temperature range, TA
WM2604C
WM2604I
0
°C
-40
°C
70
°C
85
°C
Storage temperature
-65
°C
150
°C
Lead temperature 1.6mm (1/16 inch) soldering for 10 seconds
260
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
AVDD, DVDD
2.7
5.5
V
High-level digital input voltage
VIH
DVDD = 2.7V to 5.5V
2
V
Low-level digital input voltage
VIL
DVDD = 2.7V to 5.5V
0.8
V
Reference voltage to REFINAB,
REFINCD
VREF
See Note
AVDD - 1.5
V
Load resistance
RL
2
10
k
Ω
Load capacitance
CL
100
pF
Serial clock rate
fSCLK
20
MHz
WM2604CDT
0
70
°C
Operating free-air temperature
TA
WM2604IDT
-40
85
°C
Note: Reference voltages greater than AVDD/2 will cause output saturation for large DAC codes.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com