Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2604 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM2604
Description  Quad 10-Bit Serial Input Voltage Output DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2604 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM2604 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 10Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
WM2604
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 June 1999
8
DEVICE DESCRIPTION
GENERAL FUNCTION
The device uses a resistor string network buffered with an op amp to convert 10-bit digital data to analogue
voltage levels (see Block Diagram). The output voltage is determined by the reference input voltage and
the input code according to the following relationship:
Output voltage =
( )
1024
CODE
V
2
REF
INPUT
OUTPUT
11
1111
1111
( )
1024
1023
V
2
REF
:
:
10
0000
0001
( )
1024
513
V
2
REF
10
0000
0000
( )
REF
REF
V
1024
512
V
2
=
01
1111
1111
( )
1024
511
V
2
REF
:
:
00
0000
0001
( )
1024
1
V
2
REF
00
0000
0000
0V
Table 1 Binary Code Table (0V to 2VREFIN Output), Gain = 2
POWER ON RESET
An internal power-on-reset circuit resets the DAC registers to all 0s on power-up.
BUFFER AMPLIFIER
The output buffer has a near rail-to-rail output with short circuit protection and can reliably drive a 2k
Ω load
with a 100pF load capacitance.
EXTERNAL REFERENCE
The reference voltage input is buffered which makes the DAC input resistance independent of code.
REFINAB and REFINCD pins have an input resistance of 10M
Ω and an input capacitance of typically
5pF. The reference voltage determines the DAC full-scale output.
HARDWARE CONFIGURATION OPTIONS
The device has two configuration options that are controlled by device pins.
DEVICE POWER DOWN
The device can be powered-down by pulling pin NPD (Pin 2) high. This powers down all DACs overriding
their individual power down settings. This will reduce power consumption to typically 10nA. When the
power down function is released the device reverts to the DAC code set prior to power down.
SIMULTANEOUS DAC UPDATE
The NLDAC pin (Pin 3) can be held high to prevent serial word writes from updating the DAC latches. By
writing new values to multiple DACs then pulling NLDAC low, all new DAC codes are loaded into the DAC
latches simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com