Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2604 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM2604
Description  Quad 10-Bit Serial Input Voltage Output DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2604 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM2604 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 10Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
WM2604
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 June 99
9
SERIAL INTERFACE
Explanation of data transfer:
First, the device has to be enabled with NCS set to low. Then, a falling edge of FS starts shifting the data
bit-per-bit (starting with the MSB) to the internal register on the falling edges of SCLK. After 16 bits have
been transferred, the next rising edge on SCLK or FS causes the content of the shift register to be moved
to the DAC holding latch. If NLDAC is low, the DAC latch will also be updated immediately.
The serial interface of the device can be used in two basic modes:
•
four wire (with chip select)
•
three wire (without chip select)
Using chip select (four wire mode), it is possible to have more than one device connected to the serial port
of the data source (DSP or microcontroller). If there is no need to have more than one device on the serial
bus, then NCS can be tied low.
SERIAL CLOCK AND UPDATE RATE
Figure 1 shows the device timing. The maximum serial rate is:
fSCLKmax =
MHz
20
t
t
1
min
WCL
min
WCH
=
+
The digital update rate is limited to an 800ns period, or 1.25MHz frequency. However, the DAC settling
time to 10 bits limits the update rate for large input step transitions.
SOFTWARE CONFIGURATION OPTIONS
The 16 bits of data can be transferred with the sequence shown in Table 2. D11-D2 contains the
10-bit data word. D15-D12 hold the programmable options.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A1
A0
PWR SPD
New DAC value (10 bits)
X
X
Table 2 Register Map
DAC ADDRESSING
A particular DAC (A, B, C, D) within the device is selected by A1 and A0 within the input word.
A1
A0
DAC ADDRESS
0
0
DAC A
0
1
DAC B
1
0
DAC C
1
1
DAC D
PROGRAMMABLE SETTLING TIME (SPD – BIT D12)
Settling time is a software selectable 12
µs or 4µs, typical to within ±0.5LSB of final value. This is
controlled by the value of SPD – Bit D12 and an associated DAC address. A ONE defines a settling time
of 4
µs, a ZERO defines a settling time of 12µs for that DAC.
PROGRAMMABLE POWER DOWN
The power down function is controlled by PWR - Bit D13 and an associated DAC address. A ZERO
configures that DAC as active, a ONE configures that DAC into power down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com