Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2608 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM2608
Description  Octal 10-bit, Serial Input, Voltage Output DAC with Power Down
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2608 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM2608 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2608 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2608 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2608 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2608 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2608 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2608 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2608 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2608 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
WM2608
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 April 2001
2
PIN CONFIGURATION
9
10
OUTH
AGND
12
11
OUTA
AVDD
20
13
14
15
16
17
18
19
DVDD
OUTC
OUTD
REF
MODE
LOADB
DOUT
OUTB
8
1
2
3
4
5
6
7
OUTG
DIN
SCLK
FS
PREB
OUTE
OUTF
DGND
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
DGND
Supply
Digital Ground
2
DIN
Digital input
Digital serial data input
3
SCLK
Digital input
Serial clock input
4
FS
Digital input
Frame sync input
5
PREB
Digital input
Preset input
6
OUTE
Analogue output
DAC Output E
7
OUTF
Analogue output
DAC Output F
8
OUTG
Analogue output
DAC Output G
9
OUTH
Analogue output
DAC Output H
10
AGND
Supply
Analogue Ground
11
AVDD
Supply
Analogue positive power supply
12
OUTA
Analogue output
DAC Output A
13
OUTB
Analogue output
DAC Output B
14
OUTC
Analogue output
DAC Output C
15
OUTD
Analogue output
DAC Output D
16
REF
Analogue I/O
Voltage reference input / output
17
MODE
Digital input
Input mode
18
LOADB
Digital input
Load DAC
19
DOUT
Digital output
Serial data output
20
DVDD
Supply
Digital positive power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com