Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2608 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM2608
Description  Octal 10-bit, Serial Input, Voltage Output DAC with Power Down
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2608 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM2608 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2608 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2608 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2608 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2608 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2608 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2608 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2608 Datasheet HTML 11Page - Wolfson Microelectronics plc WM2608 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
WM2608
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 April 2001
8
DEVICE DESCRIPTION
GENERAL FUNCTION
The WM2608 is an octal 10-bit, voltage output DAC. It contains a serial interface, control logic for
speed and power down, a programmable voltage reference, and eight digital to analogue converters.
Each converter uses a resistor string network buffered with an op amp to convert 10-bit digital data to
analogue voltage levels (see Block Diagram). The output voltage is determined by the reference
input voltage and the input code according to the following relationship:
Output voltage =
()
1024
2
CODE
VREF
INPUT
OUTPUT
11 1111 1111
()
1024
1023
2
REF
V
::
10 0000 0001
()
1024
511
2
REF
V
10 0000 0000
()
REF
REF
V
V
=
1024
512
2
01 1111 1111
()
1024
511
2
REF
V
::
00 0000 0001
()
1024
1
2
REF
V
00 0000 0000
0V
Table 1 Binary Code Table
POWER ON RESET
An internal power-on-reset circuit resets the DAC register to all 0s on power-up.
BUFFER AMPLIFIER
The output buffer has a near rail-to-rail output with short circuit protection and can reliably drive a
2k
Ω load with a 100pF load capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com