Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2632 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM2632
Description  Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2632 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM2632 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
WM2632
Octal 8-bit, Serial Input, Voltage Output DAC
with Internal Reference
Production Data, April 2001, Rev 1.1
WOLFSON MICROELECTRONICS LTD
Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
www.wolfsonmicro.com
Production Data datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ Terms and Conditions.
2001 Wolfson Microelectronics Ltd
.
FEATURES
• Eight 8-bit DACs in one package
• Dual supply 2.7V to 5.5V operation
• DNL ±0.1 LSBs, INL ±0.3 LSBs typical
• Programmable settling time / power
(1.0
µs typical in fast mode)
• Internal programmable voltage reference
• Microcontroller compatible serial interface
• Power down mode ( < 0.1µA)
• Monotonic over temperature
• Data output for daisy chaining
APPLICATIONS
• Battery powered test instruments
• Digital offset and gain adjustment
• Battery operated / remote industrial controls
• Programmable loop controllers
• CNC machine tools
• Machine and motion control devices
• Wireless telephone and communication systems
• Robotics
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM2632CDT
0
° to 70°C
20-pin TSSOP
WM2632IDT
-40
° to 85°C
20-pin TSSOP
DESCRIPTION
The WM2632 is an octal, 8-bit, resistor string digital-to-
analogue converter. The eight individual DACs contained in
the IC can be switched in pairs between fast and slow (low
power) operation modes, or powered down, under software
control. Alternatively, the whole device can be powered
down, reducing current consumption to less than 0.1
µA.
The DAC outputs are buffered by a rail-to-rail amplifier with
a gain of two, which is configurable as Class A (fast mode)
or Class AB (for low-power mode).
The WM2632 has been designed to interface directly to
industry standard microprocessors and DSPs, and can
operate on two separate analogue and digital power
supplies. It is programmed with a 16-bit serial word
comprising 4 address bits and up to 12 DAC or control
register data bits. All eight DACs can be simultaneously
forced to a preset value using a preset input pin.
A daisy-chain data output makes it possible to control
several of Wolfson’s octal DACs from the same interface,
without increasing the number of control lines.
The device is available in a 20-pin TSSOP package.
Commercial temperature (0°
to 70°C) and Industrial
temperature (-40° to 85°C) variants are supported.
BLOCK DIAGRAM
TYPICAL PERFORMANCE
LATCH
POWER/SPEED
CONTROL
RESISTOR
STRING
(12) OUT A
DAC A
DIN (2)
SCLK (3)
FS (4)
PREB (5)
1.024V / 2.048V
SELECTABLE
REFERENCE
DOUT (19)
REF
(16)
DACs B, C, D, E, F, G, H
as DAC A
(6-9, 13-15)
OUT B to H
REF
SERIAL
INTERFACE
AND
CONTROL
LOGIC
MODE (17)
AVDD
(11)
DVDD
(20)
AGND
(10)
DGND
(1)
LOADB
(18)
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0
32
64
96
128
160
192
224
256
DIGITAL CODE


Similar Part No. - WM2632

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630CDT WOLFSON-WM2630CDT Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630IDT WOLFSON-WM2630IDT Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631CDT WOLFSON-WM2631CDT Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
More results

Similar Description - WM2632

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2608 WOLFSON-WM2608 Datasheet
128Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Power Down
WM2610 WOLFSON-WM2610 Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
Quad 8-Bit Serial Input Voltage Output DAC
WM2629 WOLFSON-WM2629 Datasheet
119Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Power Down
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
12-bit Serial Input Voltage Output DAC with Internal Reference
WM2637 WOLFSON-WM2637 Datasheet
262Kb / 11P
Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
WM5628L WOLFSON-WM5628L Datasheet
370Kb / 15P
3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com