Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2610 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM2610
Description  Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2610 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM2610 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 11Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 12Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 13Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
WM2610
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 February 2001
10
DAISY CHAINING MULTIPLE DEVICES
The DOUT output (pin 19) provides the data sampled on DIN with a delay of 16 clock cycles. This
signal can be used to control another WM2610 or similar device in a daisy-chain type circuit.
OCTAL DAC #1
OCTAL DAC #2
OCTAL DAC #3
Figure 9 Daisy Chaining
SOFTWARE CONFIGURATION OPTIONS
DATA FORMAT
The WM2610 is controlled with a 16-bit code consisting of four address bits, A0-A3, and 12 data bits.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A3
A2
A1
A0
Data
Table 3 Input Data Format
Using the four address bits, 16 different registers can be addressed.
A3
A2
A1
A0
REGISTER
0
0
0
0
DAC A Code
0
0
0
1
DAC B Code
0
0
1
0
DAC C Code
0
0
1
1
DAC D Code
0
1
0
0
DAC E Code
0
1
0
1
DAC F Code
0
1
1
0
DAC G Code
0
1
1
1
DAC H Code
1
0
0
0
Control Register 0
1
0
0
1
Control Register 1
1
0
1
0
Preset all DACs
1
0
1
1
RESERVED
1
1
0
0
DAC A and complement B
1
1
0
1
DAC C and complement D
1
1
1
0
DAC E and complement F
1
1
1
1
DAC G and complement H
Table 4 Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com