Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2610 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM2610
Description  Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2610 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM2610 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
WM2610
Octal 12-bit, Serial Input, Voltage Output DAC
with Power Down
Production Data, February 2001, Rev 1.0
WOLFSON MICROELECTRONICS LTD
Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
www.wolfsonmicro.co.uk
Production Data datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ Terms and Conditions.
2001 Wolfson Microelectronics Ltd
.
FEATURES
• Eight 12-bit DACs in one package
• Dual supply 2.7V to 5.5V operation
• DNL ±0.5 LSBs, INL ±2.0 LSBs typical
• Programmable settling time / power
(1.0
µs typ. in fast mode)
• Microcontroller compatible Serial Interface
• Power Down Mode ( < 0.1µA)
• Monotonic over Temperature
• Data Output for Daisy Chaining
APPLICATIONS
• Battery powered test instruments
• Digital offset and gain adjustment
• Battery operated / remote industrial controls
• Programmable Loop Controllers
• CNC Machine Tools
• Machine and motion control devices
• Wireless telephone and communication systems
• Robotics
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM2610CDT
0
° to 70°C
20-pin TSSOP
WM2610IDT
-40
° to 85°C
20-pin TSSOP
DESCRIPTION
The WM2610 is an octal, 12-bit, resistor string digital-to-
analogue converter. The eight individual DACs contained in the
IC can be switched in pairs between fast and slow (low power)
operation modes, or powered down, under software control.
Alternatively, the whole device can be powered down, reducing
current consumption to less than 0.1
µA.
The DAC outputs are buffered by a rail-to-rail amplifier with a
gain of two, which is configurable as Class A (fast mode) or
Class AB (for low-power mode).
The WM2610 has been designed to interface directly to industry
standard microprocessors and DSPs, and can operate on two
separate analogue and digital power supplies. It is programmed
with a 16-bit serial word comprising 4 address bits and up to 12
DAC or control register data bits. All eight DACs can be
simultaneously forced to a preset value using a preset input pin.
A daisy-chain data output makes it possible to control several of
Wolfson’s octal DACs from the same interface, without
increasing the number of control lines.
The
device
is
available
in
a
20-pin
TSSOP
package.
Commercial
temperature
(0°
to
70°C)
and
Industrial
temperature (-40° to 85°C) variants are supported.
BLOCK DIAGRAM
TYPICAL PERFORMANCE
LATCH
POWER/SPEED
CONTROL
RESISTOR
STRING
(12) OUT A
DAC A
DIN (2)
SCLK (3)
FS (4)
PREB (5)
DOUT (19)
DACs B, C, D, E, F, G, H
as DAC A
(6-9, 13-15)
OUT B to H
VREF/2
SERIAL
INTERFACE
AND
CONTROL
LOGIC
MODE (17)
AVDD
(11)
DVDD
(20)
AGND
(10)
DGND
(1)
LOADB
(18)
REF
(16)
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
0
512
1024
1536
2048
2560
3072
3584
4096
DIGITAL CODE


Similar Part No. - WM2610

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2613 WOLFSON-WM2613 Datasheet
136Kb / 11P
Byte-wide Parallel Input, 12-bit Voltage Output DAC
WM2613CDT WOLFSON-WM2613CDT Datasheet
136Kb / 11P
Byte-wide Parallel Input, 12-bit Voltage Output DAC
WM2613IDT WOLFSON-WM2613IDT Datasheet
136Kb / 11P
Byte-wide Parallel Input, 12-bit Voltage Output DAC
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
WM2614CDT WOLFSON-WM2614CDT Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
More results

Similar Description - WM2610

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2608 WOLFSON-WM2608 Datasheet
128Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Power Down
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
Dual 12-Bit Serial Input Voltage Output DAC
WM2629 WOLFSON-WM2629 Datasheet
119Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Power Down
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2632 WOLFSON-WM2632 Datasheet
122Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
12-bit Serial Input Voltage Output DAC with Internal Reference
logo
Analog Devices
AD5512A AD-AD5512A Datasheet
503Kb / 21P
Serial-Input Voltage-Output, 12-/16-Bit DAC
2/2017-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com