Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2610 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM2610
Description  Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2610 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM2610 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 11Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 12Page - Wolfson Microelectronics plc WM2610 Datasheet HTML 13Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Production Data
WM2610
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 February 2001
11
DAC A TO H CODE REGISTERS
Addresses 0 to 7 are the DAC registers. The data written to these registers is transferred to the
respective DAC when the LOADB input (pin 18) is low. For instantaneous updating, LOADB can be
held low permanently.
CONTROL REGISTER 0
Control register 0 (address 8) is used to select functions that apply to the whole IC, such as Power
Down and Data Input Format.
BIT
D11
D10
D9
D8D7D6D5
D4
D3
D2
D1
D0
Function
X
X
XXXX
X
PD
DO
X
X
IM
Default
X
X
XXXX
X
0
0000
Table 5 Register Map
BIT
DESCRIPTION
0
1
PD
Full device Power Down
Normal
Power Down
DO
DOUT Enable
Disabled
Enabled
IM
Input Mode
Straight Binary
Two’s Complement
X
Reserved
Table 6 Register Map
CONTROL REGISTER 1
Control register 1 (address 9) is used to power down individual pairs of DACs and select their settling
time. Powering down a pair of DACs disables their amplifiers and reduces the power consumption of
the device. The settling time in fast mode is typically 1
µs. In slow mode, the settling time is typically
3
µs and power consumption is reduced.
BIT
D11
D10
D9
D8D7D6D5
D4
D3
D2
D1
D0
Function
X
X
X
X
PGH
PEF
PCD
PAB
SGH
SEF
SCD
SAB
Default
X
X
X
X
0
0
0
0
0
0
0
0
Table 7 Register Map
BIT
DESCRIPTION
0
1
PXY
Power Down DACs X and Y
Normal
Power Down
SXY
Speed Setting for DACs X and Y
Slow
Fast
Table 8 Register Map
DAC PRESET REGISTER
The Preset register (address 10) makes it possible to update all eight DACs at the same time. The
value stored in this register becomes the digital input to all the DACs when the asynchronous PREB
input (pin 5) is driven low. If no data has previously been written to the preset register, all DACs are
set to zero scale.
TWO-CHANNEL REGISTERS
The two-channel registers (addresses 12 to 15) provide a ‘differential output’ function where writing
data to one DAC will automatically write the complement to the other DAC in the pair. For example,
writing a hexadecimal value of FFFF to address 12 will set DAC A to full scale and DAC B to zero
scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com