Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRD54L08 Datasheet (PDF) - Exar Corporation

XRD54L08 Datasheet PDF - Exar Corporation
Part # XRD54L08
Download  XRD54L08 Download
File Size   916.04 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 3V Low Power Voltage Output Serial 8/10/12-Bit DAC Family

XRD54L08 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRD54L08 Datasheet PDF - Exar Corporation

Part # XRD54L08
Download  XRD54L08 Click to download

File Size   916.04 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 3V Low Power Voltage Output Serial 8/10/12-Bit DAC Family

XRD54L08 Datasheet (HTML) - Exar Corporation




Similar Part No. - XRD54L08

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AID EXAR-XRD5408AID Datasheet
984Kb / 16P
5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AID EXAR-XRD5408AID Datasheet
930Kb / 16P
5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AIP EXAR-XRD5408AIP Datasheet
984Kb / 16P
5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AIP EXAR-XRD5408AIP Datasheet
930Kb / 16P
5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
More results


Similar Description - XRD54L08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
Quad 12-Bit Serial Voltage Output DAC
REV.0
logo
Maxim Integrated Produc...
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5812 MAXIM-MAX5812 Datasheet
268Kb / 13P
12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
logo
Exar Corporation
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
logo
IC MICROSYSTEMS
ICM7561 ICMIC-ICM7561 Datasheet
179Kb / 9P
12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
logo
Exar Corporation
MP5010JT EXAR-MP5010JT Datasheet
930Kb / 16P
5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
logo
Analog Devices
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com